Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4118 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN4118
Description  This document describes APWLink which has been designed
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4118 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4118 Datasheet HTML 1Page - STMicroelectronics AN4118 Datasheet HTML 2Page - STMicroelectronics AN4118 Datasheet HTML 3Page - STMicroelectronics AN4118 Datasheet HTML 4Page - STMicroelectronics AN4118 Datasheet HTML 5Page - STMicroelectronics AN4118 Datasheet HTML 6Page - STMicroelectronics AN4118 Datasheet HTML 7Page - STMicroelectronics AN4118 Datasheet HTML 8Page - STMicroelectronics AN4118 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
AN4118
Configuration
Doc ID 023226 Rev 2
5/13
2.4
LEDs
APWLink provides the following three LEDs:
●
D1: power supply
–
ON when USB power is supplied
●
D2: communication wrong
–
ON when communication between PC and APWLink is wrong
●
Digital audio input error
–
ON when the digital input signal is not validated or no digital signal is input
2.5
Analog input
An analog signal (can be DC coupled) can be input from J9 (3.5 mm phone jack). There is
an on-board ADC (ST part number: STA529Q) to convert the analog signal to a digital I2S
format signal and feed it to the external Sound Terminal® demonstration board. To enable
the on-board STA529Q ADC, the following actions should be taken within APWorkbench as
shown in the screenshots below.
Figure 5.
Enabling the ADC using APWorkbench



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com