Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4121 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4121
Description  Poly-phase demonstration kit with the STPMC1 and STPMS2
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4121 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4121 Datasheet HTML 9Page - STMicroelectronics AN4121 Datasheet HTML 10Page - STMicroelectronics AN4121 Datasheet HTML 11Page - STMicroelectronics AN4121 Datasheet HTML 12Page - STMicroelectronics AN4121 Datasheet HTML 13Page - STMicroelectronics AN4121 Datasheet HTML 14Page - STMicroelectronics AN4121 Datasheet HTML 15Page - STMicroelectronics AN4121 Datasheet HTML 16Page - STMicroelectronics AN4121 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
AN4121
Experimental results
Doc ID 023243 Rev 1
13/26
4
Experimental results
The tests have been conducted on a three-phase metering demonstration board with the
STPMC1 and three STPMS2Ls considering INOM = 5 A, VNOM = 230 V, fline = 50 Hz.
Results are referred to the full scale dynamic range of the current channel (“FS” in
Table 7),
which for the sensor selected was ± 37.5%, or as percentage of INOM.
4.1
Three-phase energy measurement accuracy
4.1.1
Test with symmetrical voltages and balanced load at PF = 1
This three-phase energy measurement has been performed in the following conditions:
VR = VS = VT = 230 [VRMS]
IR = IS = IT = I [ARMS]
PF = 1
Table 7.
Three-phase energy measurement
I [A]
% of INOM [%]
% of FS [%]
error [%]
22,5
450%
100%
0,097%
16
320%
71%
0,076%
12
240%
53%
0,040%
10
200%
45%
0,035%
8
160%
36%
-0,008%
5
100%
22%
0,027%
2
40%
9%
0,035%
1
20%
4%
-0,065%
0,5
10%
2%
-0,087%
0,25
5%
1%
-0,096%
0,1
2%
0,4%
-0,087%
0,05
1%
0,2%
-0,096%
0,025
0,5%
0,1%
-0,096%
0,01
0,2%
0,04%
-0,352%
0,005
0,1%
0,02%
-0,435%
0,0025
0,05%
0,01%
-0,487%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com