Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4121 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN4121
Description  Poly-phase demonstration kit with the STPMC1 and STPMS2
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4121 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN4121 Datasheet HTML 17Page - STMicroelectronics AN4121 Datasheet HTML 18Page - STMicroelectronics AN4121 Datasheet HTML 19Page - STMicroelectronics AN4121 Datasheet HTML 20Page - STMicroelectronics AN4121 Datasheet HTML 21Page - STMicroelectronics AN4121 Datasheet HTML 22Page - STMicroelectronics AN4121 Datasheet HTML 23Page - STMicroelectronics AN4121 Datasheet HTML 24Page - STMicroelectronics AN4121 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
AN4121
Three-phase systems
Doc ID 023243 Rev 1
21/26
If the difference of the readings is computed,
which is 1/
√⎯3 times the total three-phase reactive power. This means that the two-
wattmeter method can also indicate the total reactive power in the three-phase loads and
also the power factor.
A.2.2
Three-wattmeter method
This method is used in a three-phase four-wire balanced or unbalanced load. The
connections are made with one meter in each line as shown in
Figure 15. In this
configuration, the total active power supplied to the load is equal to the sum of the three
wattmeter readings.
Figure 15.
The wattmeter connections in the three-phase 4-wire loads
A.2.3
One-wattmeter method
This method is suitable only in three-phase 4-wire balanced loads. The connection of the
wattmeter is similar to the drawing given in
Figure 15. The total power is equal to three times
the reading of only one wattmeter that is connected between one phase and the neutral.
()
)
30
cos(
I
V
30
cos
I
V
P
line
line
1
12
1
θ
+
°
=
θ
+
°
=
()
)
30
cos(
I
V
30
cos
I
V
P
line
line
3
32
2
θ
°
=
θ
°
=
θ
=
+
=
cos
I
V
3
P
P
P
line
line
2
1
Total
θ
=
θ
+
°
θ
°
=
sin
I
V
)
30
cos(
I
V
)
30
cos(
I
V
P
P
line
line
line
line
line
line
1
2
3
2
1
Total
P
P
P
P
+
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com