Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4170 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4170
Description  The STEVAL-CCA042V1 is a demonstration board designed for the evaluation
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4170 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4170 Datasheet HTML 7Page - STMicroelectronics AN4170 Datasheet HTML 8Page - STMicroelectronics AN4170 Datasheet HTML 9Page - STMicroelectronics AN4170 Datasheet HTML 10Page - STMicroelectronics AN4170 Datasheet HTML 11Page - STMicroelectronics AN4170 Datasheet HTML 12Page - STMicroelectronics AN4170 Datasheet HTML 13Page - STMicroelectronics AN4170 Datasheet HTML 14Page - STMicroelectronics AN4170 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
AN4170
PCB layout
Doc ID 023709 Rev 1
11/15
2.2.3
Layout recommendations
The following figures illustrate layout recommendations.
Solder the 100 nF bypass capacitors (X7R) as close as possible to the IC VCC pins
(recommended distance to be within 3 mm) in order to avoid spikes generated by the stray
inductance caused by the copper supply lines.
Figure 12.
Capacitors soldered as close as possible to VCC pins
Solder the snubber networks as close as possible to the IC related pin.
A voltage spike dangerous for device operation could occur if the snubber network is far
from the output pins. It is recommended that the distance between the snubber network and
the output pins be within 5 mm.
Figure 13.
Snubber networks soldered as close as possible to relevant IC pin
Ground pin and VCC pin of 100nF
capacitor should be directly
connected to the related IC pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com