Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4170 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN4170
Description  The STEVAL-CCA042V1 is a demonstration board designed for the evaluation
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4170 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4170 Datasheet HTML 1Page - STMicroelectronics AN4170 Datasheet HTML 2Page - STMicroelectronics AN4170 Datasheet HTML 3Page - STMicroelectronics AN4170 Datasheet HTML 4Page - STMicroelectronics AN4170 Datasheet HTML 5Page - STMicroelectronics AN4170 Datasheet HTML 6Page - STMicroelectronics AN4170 Datasheet HTML 7Page - STMicroelectronics AN4170 Datasheet HTML 8Page - STMicroelectronics AN4170 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
AN4170
Operation
Doc ID 023709 Rev 1
5/15
1.5
Gain settings
Figure 4.
Jumpers J5 and J6
1.6
Single-ended or differential input
Jumpers J8 and J9 are used to modify the input signal configuration.
Figure 5.
Jumpers J8 and J9
Table 3.
Configuration of jumpers J5 and J6
Gain 0 (J5)
Gain 1 (J6)
Gain (db)
Open (L)
Open (L)
20
Open (L)
Closed (H)
26
Closed (H)
Open (L)
30
Closed (H)
Closed (H)
32
Table 4.
Configuration of jumpers J8 and J9
Input configuration
Left (J9)
Right (J8)
Differential
Open
Open
Single-ended
Closed
Closed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com