Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRHM9160 Datasheet(PDF) 2 Page - International Rectifier

Part # IRHM9160
Description  TRANSISTOR P-CHANNEL(BVdss=-100V, Rds(on)=0.087ohm, Id=-35*A)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHM9160 Datasheet(HTML) 2 Page - International Rectifier

  IRHM9160 Datasheet HTML 1Page - International Rectifier IRHM9160 Datasheet HTML 2Page - International Rectifier IRHM9160 Datasheet HTML 3Page - International Rectifier IRHM9160 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Thermal Resistance
Parameter
Min. Typ. Max. Units
Test Conditions
RthJC
Junction-to-Case
—
—
0.50
K/W
RthJA
Junction-to-Ambient
—
—
48
Source-Drain Diode Ratings and Characteristics
Parameter
Min. Typ. Max. Units
Test Conditions
IS
Continuous Source Current (Body Diode)
—
—
-35
Modified MOSFET symbol showing the
ISM
Pulse Source Current (Body Diode) Œ
—
—
-140
integral reverse p-n junction rectifier.
VSD
Diode Forward Voltage
—
—
-3.3
V
Tj = 25°C, IS = -35A, VGS = 0V 
trr
Reverse Recovery Time
—
—
775
ns
Tj = 25°C, IF = -35A, di/dt ≤ -100A/µs
QRR
Reverse Recovery Charge
—
—
5.0
µCVDD ≤ -50V 
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible. Turn-on speed is substantially controlled by LS + LD.
Electrical Characteristics @ Tj = 25°C (Unless Otherwise Specified)
Parameter
Min.
Typ. Max. Units
Test Conditions
BVDSS
Drain-to-Source Breakdown Voltage
-100
—
—
V
VGS = 0V, ID = -1.0 mA
∆BVDSS/∆TJ Temperature Coefficient of Breakdown
—
-0.13
—
V/°C
Reference to 25°C, ID = -1.0 mA
Voltage
RDS(on)
Static Drain-to-Source
—
—
0.087
VGS = 12V, ID = -22A
On-State Resistance
—
—
0.10
Ω
VGS = 12V, ID = -35A
VGS(th)
Gate Threshold Voltage
-2.0
—
-4.0
V
VDS = VGS, ID = -1.0 mA
gfs
Forward Transconductance
10
—
—
S ( )VDS > 15V, IDS = -22A 
IDSS
Zero Gate Voltage Drain Current
—
—
-25
VDS = 0.8 x Max Rating,VGS = 0V
—
—
-250
VDS = 0.8 x Max Rating
VGS = 0V, TJ = 125°C
IGSS
Gate-to-Source Leakage Forward
—
—
-100
VGS = -20V
IGSS
Gate-to-Source Leakage Reverse
—
—
100
VGS = +20V
Qg
Total Gate Charge
—
—
200
VGS =12V, ID = -35A
Qgs
Gate-to-Source Charge
—
—
50
VDS = Max. Rating x 0.5
Qgd
Gate-to-Drain (“Miller”) Charge
—
—
90
td(on)
Turn-On Delay Time
—
—
70
VDD = -50V, ID = -35A,
tr
Rise Time
—
—
240
RG = 2.35Ω
td(off)
Turn-Off Delay Time
—
—
220
tf
Fall Time
—
—
150
LD
Internal Drain Inductance
—
8.7
—
LS
Internal Source Inductance
—
8.7
—
Ciss
Input Capacitance
—
7000
—
VGS = 0V, VDS = -25V
Coss
Output Capacitance
—
2000
—
f = 1.0 MHz
Crss
Reverse Transfer Capacitance
—
500
—
IRHM9160 Device
Pre-Radiation

µA
nC
pF
nH
ns
Measured from the
drain lead, 6mm (0.25
in.) from package to
center of die.
Measured from the
source lead, 6mm
(0.25 in.) from package
to source bonding pad.
Modified MOSFET
symbol showing the
internal inductances.
nA
A
Next Data Sheet
Index
Previous Datasheet
To Order



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com