Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRHM9160 Datasheet(PDF) 1 Page - International Rectifier

Part # IRHM9160
Description  TRANSISTOR P-CHANNEL(BVdss=-100V, Rds(on)=0.087ohm, Id=-35*A)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHM9160 Datasheet(HTML) 1 Page - International Rectifier

  IRHM9160 Datasheet HTML 1Page - International Rectifier IRHM9160 Datasheet HTML 2Page - International Rectifier IRHM9160 Datasheet HTML 3Page - International Rectifier IRHM9160 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product Summary
Part Number
BVDSS
RDS(on)
ID
IRHM9160
-100V
0.087
Ω
-35*A
Features:
s
Radiation Hardened up to 1 x 105 Rads (Si)
s
Single Event Burnout (SEB) Hardened
s
Single Event Gate Rupture (SEGR) Hardened
s
Gamma Dot (Flash X-Ray) Hardened
s
Neutron Tolerant
s
Identical Pre- and Post-Electrical Test Conditions
s
Repetitive Avalanche Rating
s
Dynamic dv/dt Rating
s
Simple Drive Requirements
s
Ease of Paralleling
s
Hermetically Sealed
s
Electrically Isolated
s
Ceramic Eyelets
P-CHANNEL
RAD HARD
Provisional Data Sheet No. PD-9.1415
-100 Volt, 0.087
Ω
Ω
Ω
Ω
Ω, RAD HARD HEXFET
International Rectifier’s P-channel RAD HARD tech-
nology HEXFETs demonstrate excellent threshold
voltage stability and breakdown voltage stability at
total radiation doses as high as 105 Rads (Si). Under
identical pre- and post-radiation test conditions, In-
ternational Rectifier’s P-channel RAD HARD HEXFETs
retain identical electrical specifications up to 1 x 105
Rads (Si) total dose. No compensation in gate drive
circuitry is required. These devices are also capable
of surviving transient ionization pulses as high as 1 x
1012 Rads (Si)/Sec, and return to normal operation
within a few microseconds. Single Event Effect, (SEE),
testing of International Rectifier ’s P-channel RAD
HARD HEXFETs has demonstrated virtual immunity
to SEE failure. Since the P-channel RAD HARD pro-
cess utilizes International Rectifier’s patented HEXFET
technology, the user can expect the highest quality
and reliability in the industry.
P-channel RAD HARD HEXFET transistors also fea-
ture all of the well-established advantages of MOS-
FETs, such as voltage control, very fast switching, ease
of paralleling and temperature stability of the electri-
cal parameters.
They are well-suited for applications such as switch-
ing power supplies, motor controls, inverters, chop-
pers, audio amplifiers and high-energy pulse circuits
in space and weapons environments.
IRHM9160
REPETITIVE AVALANCHE AND dv/dt RATED
HEXFET® TRANSISTOR
Absolute Maximum Ratings
Parameter
IRHM9160
Units
ID @ VGS = -12V, TC = 25°C Continuous Drain Current
-35*
ID @ VGS = -12V, TC = 100°C Continuous Drain Current
-22
IDM
Pulsed Drain Current Œ
-140
PD @ TC = 25°C
Max. Power Dissipation
250
W
Linear Derating Factor
2.0
W/K 
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy 
500
mJ
IAR
Avalanche Current Œ
-35
A
EAR
Repetitive Avalanche Energy Œ
25
mJ
dv/dt
Peak Diode Recovery dv/dt Ž
-5.5
V/ns
TJ
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
Lead Temperature
300 (0.063 in. (1.6mm) from
case for 10 sec.)
Weight
9.3 (typical)
g
Notes: See Page 4.
*I
D current limited by pin diameter
Pre-Radiation
oC
A
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Part No. - IRHM9160

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHM9160 IRF-IRHM9160 Datasheet
169Kb / 8P
Simple Drive Requirements
IRHM9160 IRF-IRHM9160_15 Datasheet
169Kb / 8P
Simple Drive Requirements
More results

Similar Description - IRHM9160

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFN3710 IRF-IRFN3710 Datasheet
132Kb / 4P
TRANSISTOR N-CHANNEL(BVdss=100V, Rds(on)=0.028ohm, Id=45A)
IRFY9130CM IRF-IRFY9130CM Datasheet
300Kb / 6P
POWER MOSFET P-CHANNEL(BVdss=-100V, Rds(on)=0.3ohm, Id=-11.2A)
IRFY9140CM IRF-IRFY9140CM Datasheet
271Kb / 6P
POWER MOSFET P-CHANNEL(BVdss=-100V, Rds(on)=0.2ohm, Id=-15.8A)
IRHF9130 IRF-IRHF9130 Datasheet
128Kb / 8P
TRANSISTOR P-CHANNEL(BVdss=-100V, Rds(on)=0.30ohm, Id=-6.5A)
IRHM7264SE IRF-IRHM7264SE Datasheet
121Kb / 4P
TRANSISTOR N-CHANNEL(BVdss=250V, Rds(on)=0.087ohm, Id=35A*)
IRHM9064 IRF-IRHM9064 Datasheet
151Kb / 4P
TRANSISTOR P-CHANNEL(BVdss=-60V, Rds(on)=0.060ohm, Id=-35*A)
IRHN7130 IRF-IRHN7130 Datasheet
508Kb / 14P
TRANSISTOR N-CHANNEL(BVdss=100V, Rds(on)=0.18ohm, Id=14)
IRHN9130 IRF-IRHN9130 Datasheet
120Kb / 4P
TRANSISTOR P-CHANNEL(BVdss=-100V, Rds(on)=0.30ohm, Id=-11A)
IRHN9150 IRF-IRHN9150 Datasheet
112Kb / 4P
TRANSISTOR P-CHANNEL(BVdss=-100V, Rds(on)=0.120ohm, Id=-22A)
IRHNA9160 IRF-IRHNA9160 Datasheet
153Kb / 4P
TRANSISTOR P-CHANNEL(BVdss=-100V, Rds(on)=0.087ohm, Id=-38A)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com