Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3164 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 3164
Description  50 Hz Lowpass
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3164 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  3164 Datasheet HTML 1Page - KR Electronics, Inc. 3164 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2014, KR Electronics, Inc.
3164, 50 Hz Lowpass, Rev 0, August 26, 2014
KR Electronics, Inc.
KR Electronics part number 3164 is a 50 Hz lowpass filter. The
filter is designed to work from a differential source of 100
 and
into a differential load >100 K
. Other frequencies are availa-
ble. Please consult the factory.
General Description
KR Electronics, Inc.
Features
 50 Hz Lowpass
 Passive Design Low Noise
 Differential (Balanced) Input
 Differential (Balanced) Output
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response


Similar Part No. - 3164

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3164 ETC2-3164 Datasheet
113Kb / 2P
FLAT WASHERS NYLON FIBRE
3164 ETC2-3164 Datasheet
68Kb / 1P
WASHERS
logo
Adafruit Industries
3164 ADAFRUIT-3164 Datasheet
162Kb / 2P
Silicone Cover Stranded-Core Wire - 50ft 30AWG Black
logo
Keystone Electronics Co...
3164 KEYSTONE-3164 Datasheet
423Kb / 1P
WASHERS
31-07 20th
logo
SCHOTT CORPORATION
31640 SCHOTT-31640 Datasheet
16Kb / 1P
TRANSFORMER, ADSL, CP
More results

Similar Description - 3164

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM446 ELM-ELM446 Datasheet
19Kb / 3P
50 HZ GENERATOR
logo
List of Unclassifed Man...
MN605 ETC1-MN605 Datasheet
157Kb / 1P
50/60 Hz Power Transformers
logo
Coilcraft lnc.
CS60-050L COILCRAFT-CS60-050L_16 Datasheet
279Kb / 1P
50/60 Hz Current Sensor
logo
KR Electronics, Inc.
2195-BNC KR-2195-BNC Datasheet
46Kb / 3P
16 Hz Active Lowpass Filter
2216-BNC KR-2216-BNC Datasheet
46Kb / 2P
KR Electronics 2216-BNC is a 700 Hz active lowpass filter
2255-BNC KR-2255-BNC Datasheet
73Kb / 3P
KR Electronics 2255-BNC is a 4000 Hz lowpass filter
2321-BNC KR-2321-BNC Datasheet
45Kb / 2P
KR Electronics 2321-BNC is a 300 Hz active lowpass filter
2321-SMA KR-2321-SMA Datasheet
56Kb / 2P
KR Electronics 2321-SMA is a 300 Hz active lowpass filter
logo
RENCO ELECTRONICS, INC.
RL-2240 RENCO-RL-2240 Datasheet
1Mb / 3P
50/60 HZ TRANSFORMERS
logo
Mallory Sonalert Produc...
PMO-4015SN-42UQ MSPI-PMO-4015SN-42UQ Datasheet
102Kb / 1P
Frequency 50 - 12000 Hz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com