Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4240 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4240
Description  This application note provides an easy introduction to the usage
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4240 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4240 Datasheet HTML 3Page - STMicroelectronics AN4240 Datasheet HTML 4Page - STMicroelectronics AN4240 Datasheet HTML 5Page - STMicroelectronics AN4240 Datasheet HTML 6Page - STMicroelectronics AN4240 Datasheet HTML 7Page - STMicroelectronics AN4240 Datasheet HTML 8Page - STMicroelectronics AN4240 Datasheet HTML 9Page - STMicroelectronics AN4240 Datasheet HTML 10Page - STMicroelectronics AN4240 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
Doc ID024209 Rev 2
7/30
AN4240
AES-128 encryption and decryption overview
2
AES-128 encryption and decryption overview
The CSE module supports two cipher modes: Electronic Code Book (ECB) and Cipher
Block Chaining (CBC) and CMAC authentication mode.
Block ciphers like AES algorithm works with a granularity of 64 or 128 bits. This means that
if someone wants to encode data, it is necessary to split the message with an equivalent
granularity.
In the ECB cipher mode the output cipher message depends not only on the chosen
cryptographic key and the input data, but same input is encrypted in the same manner.
This could provide an opportunity to hack the message using an example statistical
analysis.
For this reason, the CBC cipher mode introduces more entropy to the encryption process
using a chaining structure which is described in the following sections.
2.1
Electronic Code Book (ECB)
This cipher mode is the easiest one, because the input message (plaintext) is passed to the
cryptographic block with a key and the output message (ciphertext) is obtained directly, see
Figure 2.
This means that input message with a low variance could be encrypted in an equivalent
manner and it could have a low security threshold.
Figure 2. ECB block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com