Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4240 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN4240
Description  This application note provides an easy introduction to the usage
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4240 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4240 Datasheet HTML 1Page - STMicroelectronics AN4240 Datasheet HTML 2Page - STMicroelectronics AN4240 Datasheet HTML 3Page - STMicroelectronics AN4240 Datasheet HTML 4Page - STMicroelectronics AN4240 Datasheet HTML 5Page - STMicroelectronics AN4240 Datasheet HTML 6Page - STMicroelectronics AN4240 Datasheet HTML 7Page - STMicroelectronics AN4240 Datasheet HTML 8Page - STMicroelectronics AN4240 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
Doc ID024209 Rev 2
5/30
AN4240
CSE IP block overview
1
CSE IP block overview
Cryptographic Service Engine (CSE) is a peripheral module that implements the security
functions described in the Secure Hardware Extension (SHE) Functional Specification
Version 1.1.
The CSE is an on-chip extension of the microcontroller. It is intended to move the control
over cryptographic keys from software domain into the hardware domain and therefore
protect those keys from software attacks.
CSE design includes a host interface (via peripheral bridge) with a set of memory mapped
registers used by CPU to issue commands (for example Get_ID, INIT_CSE, etc).
Furthermore a system bus interface (via xbar IF) allows the CSE to directly access the
system memory. Here the crypto module behaves like any other master. Through the host
interface the user configures and controls the CSE module, for example putting the module
into low power mode, enabling interrupts for finished command processing or suspending
command processing. The status and error register gives further system information.
Figure 1. CSE IP block
Two dedicated blocks of system flash memory are used by the CSE for secure key and
firmware storage. These blocks are not accessible by other masters from system and
therefore are called secure flash. The command processing is done by a 32-bit CSE core
with attached ROM and RAM running at system frequency of SoC. See Figure 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com