Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4370 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4370
Description  L99ASC03 PMBLDC sensorless 3-phase motor driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4370 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4370 Datasheet HTML 9Page - STMicroelectronics AN4370 Datasheet HTML 10Page - STMicroelectronics AN4370 Datasheet HTML 11Page - STMicroelectronics AN4370 Datasheet HTML 12Page - STMicroelectronics AN4370 Datasheet HTML 13Page - STMicroelectronics AN4370 Datasheet HTML 14Page - STMicroelectronics AN4370 Datasheet HTML 15Page - STMicroelectronics AN4370 Datasheet HTML 16Page - STMicroelectronics AN4370 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
DocID025336 Rev 1
13/23
AN4370
Unused pins
22
6
Unused pins
Table 2 shows the recommended connections for the unused pins of the device.
Table 2. Unused pins connection
Block/feature not used
Pins
Connection
CSA
CSI+/CSI-
Tied together and connected to GND
CSO
OPEN
Disable
DIS
GND
Analog MUX
AOUT
OPEN
BEMF detection IP
BEMFOUT
OPEN
BC(1)
1.
BEMF detection IP not used or BEMFCNT SPI update mode selected.
GND(2)
2.
In Active Mode, the BC pin can be connected to GND. However it can be pulled high to enter Flash Mode
and program the external microcontroller.
Digital output
DOUT
OPEN
Interrupt to microcontroller
NINT
OPEN
NC
PIN 28
OPEN or VDD
PIN 25
OPEN or 1 K
Ω to VS
5 V voltage regulator
VDD
Ceramic capacitor
≥ 660 nF tied to GND and at least
6 mA dummy load
NRES
Open or to a microcontroller GPIO to monitor
microcontroller reset attempts triggered by the
device
INH wake-up source from
Standby Modes
INH
OPEN or GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com