Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4370 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN4370
Description  L99ASC03 PMBLDC sensorless 3-phase motor driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4370 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN4370 Datasheet HTML 15Page - STMicroelectronics AN4370 Datasheet HTML 16Page - STMicroelectronics AN4370 Datasheet HTML 17Page - STMicroelectronics AN4370 Datasheet HTML 18Page - STMicroelectronics AN4370 Datasheet HTML 19Page - STMicroelectronics AN4370 Datasheet HTML 20Page - STMicroelectronics AN4370 Datasheet HTML 21Page - STMicroelectronics AN4370 Datasheet HTML 22Page - STMicroelectronics AN4370 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
DocID025336 Rev 1
21/23
AN4370
External components
22
Figure 11. Reverse battery current flow through the device
GAPG0810131116CFT
L99ASC03
SDI
SDO
CSN
SCK
IH1
IL1
Gate
Driver
HS
Gate
Driver
LS
x 3
Control
Diagnosis
Control
Diagnosis
GH1
SH1
GL1
CSI+
CSI-
CSO
Programmable Gain & Shutdown
AGND
CP1+
CP1-
CP2+
CP2-
CP
Central 2 Step Charge Pump
EMC optimized „Spread Spectrum“
VCP
VCP
Programmable
VDSTH & tDead
GH2
SH2
GL2
SL1
DIS
Undervoltage
Overvoltage Det.
VSMS
VBAT
VS
VBAT
VSMS
SL2
SL3
GL3
SH3
GH3
BLDC Motor
IH2
IL2
IH3
IL3
Temperature
Prewarning
& Temperature
Shutdown
T Juntion
VS Monitoring
NRES
VSREG
CSA
x 3
RSense
INH
Ignition /
Klemme 15
+
-
STM8A
VDD
VDD
100k
VSREG
20k
20k
SGND2
DAC
BEMF
Detection
AOUT
AMUX
5V Voltage
Regulator
(and Reset)
BEMFOUT
DOUT
Control Logic
Wake up
From
Sleep mode
MOSFET
Control
SPI
Interface
Window Watchdog
FS_FLAG
DMUX
SGND1
SGND3
CCP1
220nF
CCP2
220nF
CTANK
1μF
CVS
100nF
CVSREG
100nF
RINH
10kΩ
Note: This is a very simplified example of
an application circuit. The function must be
verified in the real application. The
external componant values should be used
as guidline only.
RCP
100kΩ
R
100kΩ
* Size according application
requirements (Voltage dropout
test, warm cranking, …)
C *
BC
C *
VS
NINT
CINH
100nF
VBAT
VBAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com