Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4475 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4475
Description  Safety Application Guide for SPC563Mxx family
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4475 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4475 Datasheet HTML 9Page - STMicroelectronics AN4475 Datasheet HTML 10Page - STMicroelectronics AN4475 Datasheet HTML 11Page - STMicroelectronics AN4475 Datasheet HTML 12Page - STMicroelectronics AN4475 Datasheet HTML 13Page - STMicroelectronics AN4475 Datasheet HTML 14Page - STMicroelectronics AN4475 Datasheet HTML 15Page - STMicroelectronics AN4475 Datasheet HTML 16Page - STMicroelectronics AN4475 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
Functional safety requirements for application software
AN4475
14/27
DocID026216 Rev 1
set of data (duty cycle and period) are applied by software. The two selected pads are not
physically adjacent to minimize CCFs. SIU pads can be configured via the relevant pad
configuration registers (PCRn). eTPU2 channels instead of eMIOS200 channels can be
used.
2.9.5
Enhanced Time Processing Unit (eTPU2)
Suggested: [covers: SW_ETPU_APPLICATION] considering that no specific hardware
protection is implemented against failures in the eTPU2, spurious/missing eTPU2 actions
caused by Electromagnetic Interference (EMI) or by bit flips in the interrupt registers of the
peripherals, applications not resilient against such errors include detection or protection
software countermeasures. These specific software countermeasures can run once after
the Power-On Reset (POR) before the safety function starts and once per FTTI. [end]
Rationale: to verify eTPU2 requests are serviced correctly.
Implementation hint: specific software countermeasures are implemented to detect
eTPU2 permanent faults. These specific software countermeasures are application-
dependent.
2.10
Enhanced Queued Analog-to-Digital Converter (eQADC)
The SPC563Mxx device is equipped with one eQADC module integrating two analog-to-
digital converter macro-cells.
Suggested: [covers: SW_ADC_SELF_TEST] acquisition of some reference voltages is
done. These specific software countermeasures can run once after the Power-On Reset
(POR) before the safety function starts and/or once per FTTI. [end]
Rationale: to check the integrity of the eQADC module.
Implementation hint: some eQADC channels are internally connected to some reference
voltages as Buffered Band Gap, Reference Voltage for 1.2 V LVD and so on (refer to the
SPC563Mxx Reference Manual to have all additional details).
Moreover recommendation is to acquire analog input redundantly.
This module, if safety relevant, is used to implement the following function:
Double read analog inputs;
Additional mechanisms.
2.10.1
Double read analog inputs
Suggested: [covers: SW_DOUBLE_READ_AN_INPUT] safety relevant analog inputs are
acquired redundantly using both analog-to-digital converter macro-cells integrated in the
eQADC module. The measured values are compared by software. [end]
Rationale: to verify that the two measured analog input values match.
Implementation hint: shared channels are not be used for double read operation in order
to avoid CCFs due to the pad sharing. SIU pads can be configured via the relevant pad
configuration registers (PCRn).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com