Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4475 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN4475
Description  Safety Application Guide for SPC563Mxx family
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4475 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN4475 Datasheet HTML 17Page - STMicroelectronics AN4475 Datasheet HTML 18Page - STMicroelectronics AN4475 Datasheet HTML 19Page - STMicroelectronics AN4475 Datasheet HTML 20Page - STMicroelectronics AN4475 Datasheet HTML 21Page - STMicroelectronics AN4475 Datasheet HTML 22Page - STMicroelectronics AN4475 Datasheet HTML 23Page - STMicroelectronics AN4475 Datasheet HTML 24Page - STMicroelectronics AN4475 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
ECC logic test
AN4475
22/27
DocID026216 Rev 1
It is important to note that for double word data = 0xFFFF_FFFF_FFFF_FFFF, the correct
ECC check bits should be 0xFF. Therefore, every data vector in the data pattern in Table 1:
Data pattern used by the ECC logic test, except the last one, contains a single-bit ECC error
and results in a single-bit correction.
4.3
UTEST mode ECC logic check
The procedure to use the UTEST mode ECC logic check is listed as below:
1.
Enable UTEST mode (Write 0xF9F9_9999 to UT0 register, UT0[UTE] is set).
2.
Write UT0[SBCE] to 1 (to enable single-bit error correction visibility).
3.
Write UT0[EIE] to 1.
4.
Write UT0[DSI], UT1[DAI] and/or UT2[DAI] bits to provide data and check bit values to
be read. Single or Double bit detections/corrections can be simulated by properly
choosing Data and Check Bit combinations.
5.
Write double word address to receive the data inputted in step 3 into the ADR register.
6.
Reads can now be done through the BIU in a Read Request type fashion. In the event
of a BIU read requested from an address that matches the address in the ADR register,
expected data, and corrections or detections should be observed based on data written
into the UT0[DSI], UT1[DAI] and/or UT2[DAI] registers. MCR[EER] and
MCR[SBCSBC] can be checked to evaluate the status of reads done.
7.
Repeat steps 4 to 6 for all the data vectors in the proposed test data pattern.
8.
Once completed, clear the UT0[EIE] bit to 0.
4.4
Fault coverage and execution time
The described ECC logic test reaches around 90% of fault coverage of ECC decode logic.
The execution of the test code takes about 200
μs at 80 MHz, room temperature and
nominal voltages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com