Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4982 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TS4982
Description  Highly-integrated complete 2 W stereo audio subsystem
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4982 Datasheet(HTML) 2 Page - STMicroelectronics

  TS4982 Datasheet HTML 1Page - STMicroelectronics TS4982 Datasheet HTML 2Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© STMicroelectronics - September 2009 - Printed in Italy - All rights reserved
The STMicroelectronics corporate logo is a registered trademark of the STMicroelectronics group of companies.
All other names are the property of their respective owners.
For more information on ST products and solutions,
visit
www.st.com
Order code: FLTS49820909
TS4982 simplified block diagram
Product table
TS4982 demo board
Part number
Package type
Package size
Order code
Availability
TS4982
QFN32
5x5 mm
TS4982IQT
Production
HRIN
HDEN
HLIN
LRIN
LLIN
LOUT-
ROUT+
ROUT-
TS4982
D1
Gain
control
BYP
SPKREN
G0
G1
PCBEEP
CPVCC
CP-
CP+
PGND
PVSS
HPVCC
Charge pump
CPVSS
RHP
LHP
CPGND
Stereo loudspeaker
audio input
LOUT+
PVCC
8
8
D0
3D
effects
VCC
Amplifier
stage
GND
1 µF
Stereo headphone
audio input
Bias
Volume control



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com