Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4982 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS4982
Description  Highly-integrated complete 2 W stereo audio subsystem
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4982 Datasheet(HTML) 1 Page - STMicroelectronics

  TS4982 Datasheet HTML 1Page - STMicroelectronics TS4982 Datasheet HTML 2Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Boosting audio quality with 3D effects
on multimedia PC notebooks
www.st.com/stdlinear
TS4982
Highly-integrated complete 2 W stereo audio subsystem
The TS4982 integrates all analog and mixed-signal audio
functions needed in high-end PC notebooks or portable
audio multimedia applications.
The TS4982 uses an enhanced referenced-ground stereo
headset drive with independent shutdown control and
dedicated audio inputs for both outputs.
In addition, a built-in internal 4-step gain control for the
loudspeaker amplifier and a fixed 3.5 dB gain for the
headphone amplifier minimize external component needs.
The TS4982’s small 5x5 QFN package provides optimal
space saving on your PCB.
Key features
High-quality 2 W stereo output power into 4
„
Ω load per
channel
Ground-referenced 100 mW stereo headphone drive
„
PC-beep input system detection
„
Four selectable gain settings
„
Enhanced pop-and-click reduction circuitry
„
Target applications
PC notebooks
„
Tablet PCs
„
Multimedia portable audio players
„
Key benefits
Selectable level of impressive 3D audio effects on
„
loudspeakers
High audio quality class AB 2x 2 W stereo speaker
„
amplifier
No bulky output capacitors required thanks to
„
referenced-to-ground headset drive
Complete audio subsystem for notebooks
„
The TS4982 is intended for use with the Microsoft Windows Vista operating system. It is designed with an advanced
BICMOS process. The TS4982’s 3D-effect enhancement is programmed through a dual digital-input interface that
provides greater flexibility on each audio output channel.


Similar Part No. - TS4982

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4984 STMICROELECTRONICS-TS4984 Datasheet
804Kb / 29P
2 x 1W Stereo audio power amplifier with active low standby mode
01-Jan-2005
TS4984EIJT STMICROELECTRONICS-TS4984EIJT Datasheet
1Mb / 30P
1.2W Stereo Audio Power Amplifier with Active Low Standby Mode
Nov-2005
TS4984EIKJT STMICROELECTRONICS-TS4984EIKJT Datasheet
1Mb / 30P
1.2W Stereo Audio Power Amplifier with Active Low Standby Mode
Nov-2005
TS4984FC STMICROELECTRONICS-TS4984FC Datasheet
1Mb / 30P
1.2W Stereo Audio Power Amplifier with Active Low Standby Mode
Nov-2005
TS4984IQT STMICROELECTRONICS-TS4984IQT Datasheet
804Kb / 29P
2 x 1W Stereo audio power amplifier with active low standby mode
01-Jan-2005
More results

Similar Description - TS4982

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4930 NSC-LM4930 Datasheet
966Kb / 33P
Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
logo
Texas Instruments
TPA005D02 TI-TPA005D02 Datasheet
381Kb / 25P
2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA0202 TI-TPA0202 Datasheet
803Kb / 42P
2-W STEREO AUDIO POWER AMPLIFIER
logo
Anpec Electronics Corop...
APA2020A ANPEC-APA2020A Datasheet
638Kb / 25P
Stereo 2-W Audio Power Amplifier
APA2020 ANPEC-APA2020 Datasheet
269Kb / 25P
Stereo 2-W Audio Power Amplifier
logo
Pyramid Semiconductor C...
PACE1757M PYRAMID-PACE1757M Datasheet
651Kb / 34P
COMPLETE EMBEDDED CPU SUBSYSTEM
logo
National Semiconductor ...
LM4930 NSC-LM4930_04 Datasheet
994Kb / 35P
Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
logo
Unisonic Technologies
PA0202 UTC-PA0202 Datasheet
230Kb / 11P
2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
logo
Princeton Technology Co...
PT2335 PTC-PT2335 Datasheet
249Kb / 5P
2W X 2 Stereo Integrated Audio Amplifier
logo
Texas Instruments
TPA0202 TI1-TPA0202_16 Datasheet
1Mb / 49P
2-W STEREO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com