Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17068 Datasheet(PDF) 1 Page - NEC

Part # UPD17068
Description  4-BIT SINGLE-CHIP MICROCONTROLLER CONTAINING IMAGE DISPLAY CONTROLLER AND PLL FREQUENCY SYNTHESIZER FOR DIGITAL TUNING SYSTEMS
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17068 Datasheet(HTML) 1 Page - NEC

  UPD17068 Datasheet HTML 1Page - NEC UPD17068 Datasheet HTML 2Page - NEC UPD17068 Datasheet HTML 3Page - NEC UPD17068 Datasheet HTML 4Page - NEC UPD17068 Datasheet HTML 5Page - NEC UPD17068 Datasheet HTML 6Page - NEC UPD17068 Datasheet HTML 7Page - NEC UPD17068 Datasheet HTML 8Page - NEC UPD17068 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 341 page
background image
The
µPD17068 is a 4-bit single-chip microcontroller for digital tuning systems. It contains an image display
controller (IDC) that supports many types of display, and a PLL synthesizer.
The CPU of the
µPD17068 is capable of 4-bit parallel addition, logical operations, bit tests, setting/resetting
of a carry flag, and supports a powerful interrupt function and timer function.
The image display controller for on-screen display is user-programmable, allowing a range of displays to
be programmed.
The peripheral hardware includes a full complement of I/O ports, controlled with powerful I/O instructions,
as well as a serial interface, a 6-bit A/D converter, and an 8-bit D/A converter (PWM output).
FEATURES
•
Program memory (ROM)
:
24K bytes (12032
× 16 bits)
•
Character ROM (CROM)
:
4086
× 24 bits (255 characters)
•
Data memory (RAM)
:
1007
× 4 bits
•
Video RAM (VRAM)
:
672
× 4 bits (can be used for data memory)
•
Address stack
:
12 levels
•
Interrupt stack
:
2 levels
•
Instruction execution time :
2
µs (when an 8 MHz crystal is used)
•
PLL frequency synthesizer
•
8-bit serial interface
(2 channels: One for two-wire or three-wire mode, compatible with I2C bus, and one for three-wire mode only)
•
D/A converter: 8 bits
× 9 lines (PWM output)
•
A/D converter: 6 bits
× 8 lines
•
Horizontal synchronizing signal counter
•
Commercial power supply frequency counter
•
Power-failure detection circuit and power-on reset circuit
•
Interrupt input for remote-controller signal (with noise canceler)
•
User-programmable image display controller (IDC)
Displayed characters : Up to 192 per screen (more characters can be displayed when the use of the entire
screen is specified with a program)
Display mode
: 16
× 16 dots in 15 lines × 24 columns
14
× 16 dots in 17 lines × 24 columns
Character patterns
: 255
Character format
: 16
× 16 dots or 14 × 16 dots
Colors
: 15
Character sizes
: 16 sizes for height (can be specified per line)
24 sizes for width (can be specified per character)
•
Many I/O ports
I/O
: 19 ports
Input only
:
4 ports
Output only
: 21 ports
•
Operating supply voltage: 5 V
±10 %
•
Low power dissipation by use of CMOS technology
The information in this document is subject to change without notice.
DATA SHEET
MOS INTEGRATED CIRCUIT
µPD17068
4-BIT SINGLE-CHIP MICROCONTROLLER CONTAINING
IMAGE DISPLAY CONTROLLER AND PLL FREQUENCY
SYNTHESIZER FOR DIGITAL TUNING SYSTEMS
©
1994
Document No. IC-3525
(O.D. No. IC-8999)
Date Published November 1994 P
Printed in Japan


Similar Part No. - UPD17068

ManufacturerPart #DatasheetDescription
logo
NEC
UPD17062 NEC-UPD17062 Datasheet
1Mb / 296P
4-BIT SINGLE-CHIP MICROCONTROLLER CONTAINING PLL FREQUENCY SYNTHESIZER AND IMAGE DISPLAY CONTROLLER
logo
Renesas Technology Corp
UPD17062 RENESAS-UPD17062 Datasheet
1Mb / 298P
MOS INTEGRATED CIRCUIT
1995
logo
NEC
UPD17062CU NEC-UPD17062CU Datasheet
1Mb / 296P
4-BIT SINGLE-CHIP MICROCONTROLLER CONTAINING PLL FREQUENCY SYNTHESIZER AND IMAGE DISPLAY CONTROLLER
logo
Renesas Technology Corp
UPD17062CU-XXX RENESAS-UPD17062CU-XXX Datasheet
1Mb / 298P
MOS INTEGRATED CIRCUIT
1995
logo
NEC
UPD17062GC NEC-UPD17062GC Datasheet
1Mb / 296P
4-BIT SINGLE-CHIP MICROCONTROLLER CONTAINING PLL FREQUENCY SYNTHESIZER AND IMAGE DISPLAY CONTROLLER
More results

Similar Description - UPD17068

ManufacturerPart #DatasheetDescription
logo
NEC
UPD17052 NEC-UPD17052 Datasheet
8Mb / 298P
ON-CHIP IMAGE DISPLAY CONTROLLER 4-BIT SINGLE-CHIP MICROCONTROLLER FOR VOLTAGE SYNTHESIZER
UPD17053 NEC-UPD17053 Datasheet
8Mb / 278P
ON-CHIP IMAGE DISPLAY CONTROLLER 4-BIT SINGLE-CHIP MICROCONTROLLER FOR VOLTAGE SYNTHESIZER
UPD17062 NEC-UPD17062 Datasheet
1Mb / 296P
4-BIT SINGLE-CHIP MICROCONTROLLER CONTAINING PLL FREQUENCY SYNTHESIZER AND IMAGE DISPLAY CONTROLLER
UPD17071GB-012 NEC-UPD17071GB-012 Datasheet
296Kb / 48P
4-BIT SINGLE-CHIP MICROCONTROLLER WITH PLL FREQUENCY SYNTHESIZER CONTROLLER FOR PORTABLE FM/AM RADIO AND TV
logo
Sanyo Semicon Device
LC72146 SANYO-LC72146 Datasheet
357Kb / 21P
PLL Frequency Synthesizer for Electronic Tuning
LC72147V SANYO-LC72147V Datasheet
154Kb / 22P
PLL Frequency Synthesizer for Electronic Tuning in Car Audio Systems
LC72148V SANYO-LC72148V Datasheet
170Kb / 21P
Electronic Tuning PLL Frequency Synthesizer for Car Stereo Systems
LC7218 SANYO-LC7218 Datasheet
265Kb / 16P
PLL Frequency Synthesizer for Electronic Tuning in AV Systems
logo
Panasonic Semiconductor
MN14826 PANASONIC-MN14826 Datasheet
1Mb / 16P
CMOS 4-Bit Single-Chip Microcomputer for Frequency Synthesizer TV Tuning Systems
logo
Sanyo Semicon Device
LC72151V SANYO-LC72151V Datasheet
325Kb / 29P
PLL Frequency Synthesizer for Electronic Tuning in Car Audio Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com