Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRLL110 Datasheet(PDF) 8 Page - International Rectifier

Part # IRLL110
Description  Power MOSFET(Vdss=100V, Rds(on)=0.54ohm, Id=1.5A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLL110 Datasheet(HTML) 8 Page - International Rectifier

  IRLL110 Datasheet HTML 1Page - International Rectifier IRLL110 Datasheet HTML 2Page - International Rectifier IRLL110 Datasheet HTML 3Page - International Rectifier IRLL110 Datasheet HTML 4Page - International Rectifier IRLL110 Datasheet HTML 5Page - International Rectifier IRLL110 Datasheet HTML 6Page - International Rectifier IRLL110 Datasheet HTML 7Page - International Rectifier IRLL110 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IRLL110
8
www.irf.com
SOT-223 Outline
Tape & Reel Information
4.10 (.161)
3.90 (.154)
1.85 (.072)
1.65 (.065)
2.05 ( .080)
1.95 ( .077)
12.10 ( .475)
11.90 ( .469)
7.10 ( .279)
6.90 ( .272)
1.60 ( .062)
1.50 ( .059)
T Y P .
7.55 (.297)
7.45 (.294)
7.60 ( .299)
7.40 ( .292)
2.30 ( .0 90)
2.10 ( .0 83)
16.30 ( .641)
15.70 ( .619)
0.35 (.013)
0.25 (.010)
F EED D IRECT IO N
TR
13. 20 (.51 9)
12. 80 (.50 4)
50. 00 ( 1 .969)
M IN .
330.00
(13.000)
M AX.
NO T ES :
1 . CO NT RO L L I N G D IM E N S I O N: M IL L IM E T E R.
2. O U T L IN E C O N F O R M S TO E IA -481 & E IA -541.
3. E A C H O 3 30 . 00 (13.0 0 ) R E E L C O N T A I N S 2,500 D E V I C E S .
3
NO T ES :
1. O U T LIN E C O M F O R M S TO E IA -418- 1.
2 . CO NT R O L L ING DIM E N S IO N: M IL L IM E T E R. .
3 . DIM E NSIO N M E A S UR ED @ H U B .
4 . IN C L U D E S F L A N G E D IS T OR T ION @ OU T E R E D GE .
15.40 ( .607)
11.90 ( .469)
18.40 (. 724)
M A X .
14.40 (. 566)
12.40 (. 488)
4
4
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 322 3331
IR GREAT BRITAIN: Hurst Green, Oxted, Surrey RH8 9BB, UK Tel: ++ 44 1883 732020
IR CANADA: 15 Lincoln Court, Brampton, Ontario L6T3Z2, Tel: (905) 453 2200
IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 6172 96590
IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 11 451 0111
IR FAR EAST: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo Japan 171 Tel: 81 3 3983 0086
IR SOUTHEAST ASIA: 1 Kim Seng Promenade, Great World City West Tower, 13-11, Singapore 237994 Tel: ++ 65 838 4630
IR TAIWAN:16 Fl. Suite D. 207, Sec. 2, Tun Haw South Road, Taipei, 10673, Taiwan Tel: 886-2-2377-9936
http://www.irf.com/
Data and specifications subject to change without notice. 1/99



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com