Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRLL110 Datasheet (PDF) - International Rectifier

IRLL110 Datasheet PDF - International Rectifier
Part # IRLL110
Download  IRLL110 Download
File Size   217.28 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=100V, Rds(on)=0.54ohm, Id=1.5A)

IRLL110 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRLL110 Datasheet PDF - International Rectifier

Part # IRLL110
Download  IRLL110 Click to download

File Size   217.28 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=100V, Rds(on)=0.54ohm, Id=1.5A)

IRLL110 Datasheet (HTML) - International Rectifier


IRLL110 Product details

Description
Third Generation HEXFETs from International Rectifier provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness.

• Surface Mount
• Available in Tape & Reel
• Dynamic dv/dt Rating
• Repetitive Avalanche Rated
• Logic-Level Gate Drive
• RDS(on)Specified at VGS= 4V & 5V
• Fast Switching




Similar Part No. - IRLL110

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRLL110 VISHAY-IRLL110 Datasheet
1Mb / 8P
Power MOSFET
07-Jul-08
logo
Guangdong Youtai Semico...
IRLL110 UMW-IRLL110 Datasheet
694Kb / 8P
100V N-Channel MOSFET
logo
International Rectifier
IRLL110PBF IRF-IRLL110PBF Datasheet
203Kb / 8P
HEXFET짰 Power MOSFET
logo
Vishay Siliconix
IRLL110PBF VISHAY-IRLL110PBF Datasheet
1Mb / 8P
Power MOSFET
07-Jul-08
IRLL110TR VISHAY-IRLL110TR Datasheet
1Mb / 8P
Power MOSFET
07-Jul-08
More results


Similar Description - IRLL110

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRC540 IRF-IRC540 Datasheet
222Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=0.077ohm, Id=28A)
IRF1310N IRF-IRF1310N Datasheet
96Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=0.036ohm, Id=42A)
IRF3710S IRF-IRF3710S Datasheet
184Kb / 10P
Power MOSFET(Vdss=100V, Rds(on)=0.025ohm, Id=57A)
IRF510 IRF-IRF510 Datasheet
175Kb / 6P
Power MOSFET(Vdss=100V, Rds(on)=0.54ohm, Id=5.6A)
IRF510S IRF-IRF510S Datasheet
178Kb / 6P
Power MOSFET(Vdss=100V, Rds(on)=0.54ohm, Id=5.6A)
IRF520VS IRF-IRF520VS Datasheet
129Kb / 10P
Power MOSFET(Vdss=100V, Rds(on)=0.165ohm, Id=9.6A)
IRF5210 IRF-IRF5210 Datasheet
125Kb / 8P
Power MOSFET(Vdss=-100V, Rds(on)=0.06ohm, Id=-40A)
IRFD110 IRF-IRFD110 Datasheet
174Kb / 6P
Power MOSFET(Vdss=100V, Rds(on)=0.54ohm, Id=1.0A)
IRFL110 IRF-IRFL110 Datasheet
244Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=0.54ohm, Id=1.5A)
IRFRU5410 IRF-IRFRU5410 Datasheet
215Kb / 10P
Power MOSFET(Vdss=-100V, Rds(on)=0.205ohm, Id=-13A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com