Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRLL110 Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

IRLL110 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # IRLL110
Download  IRLL110 Download
File Size   694.08 Kbytes
Page   8 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description 100V N-Channel MOSFET

IRLL110 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRLL110 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # IRLL110
Download  IRLL110 Click to download

File Size   694.08 Kbytes
Page   8 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description 100V N-Channel MOSFET

IRLL110 Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


IRLL110 Product details

FEATURES
• Surface mount
• Available in tape and reel
• Dynamic dV/dt rating
• Repetitive avalanche rated
• Logic-level gate drive
• RDS(on) specified at VGS = 4 V and 5 V
• Fast switching
• Material categorization: for definitions of compliance
•VDS(V) = 100V
•RDS(ON) < 54mΩ (V GS = 5V)
• RDS(ON) < 76mΩ (V GS = 4V)




Similar Part No. - IRLL110

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLL110 IRF-IRLL110 Datasheet
217Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=0.54ohm, Id=1.5A)
logo
Vishay Siliconix
IRLL110 VISHAY-IRLL110 Datasheet
1Mb / 8P
Power MOSFET
07-Jul-08
logo
International Rectifier
IRLL110PBF IRF-IRLL110PBF Datasheet
203Kb / 8P
HEXFET짰 Power MOSFET
logo
Vishay Siliconix
IRLL110PBF VISHAY-IRLL110PBF Datasheet
1Mb / 8P
Power MOSFET
07-Jul-08
IRLL110TR VISHAY-IRLL110TR Datasheet
1Mb / 8P
Power MOSFET
07-Jul-08
More results


Similar Description - IRLL110

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQH140N10 FAIRCHILD-FQH140N10 Datasheet
679Kb / 8P
100V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3442 AOSMD-AO3442 Datasheet
500Kb / 5P
100V N-Channel MOSFET
AOB410L AOSMD-AOB410L Datasheet
319Kb / 7P
100V N-Channel MOSFET
AO4482 AOSMD-AO4482 Datasheet
204Kb / 6P
100V N-Channel MOSFET
AOD478 AOSMD-AOD478 Datasheet
427Kb / 6P
100V N-Channel MOSFET
AON2290 AOSMD-AON2290 Datasheet
227Kb / 5P
100V N-Channel MOSFET
AON6290 AOSMD-AON6290 Datasheet
271Kb / 6P
100V N-Channel MOSFET
AON6450 AOSMD-AON6450_11 Datasheet
279Kb / 7P
100V N-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com