Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JANTX2N6756 Datasheet(PDF) 2 Page - International Rectifier

Part # JANTX2N6756
Description  POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.18ohm, Id=14A)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

JANTX2N6756 Datasheet(HTML) 2 Page - International Rectifier

  JANTX2N6756 Datasheet HTML 1Page - International Rectifier JANTX2N6756 Datasheet HTML 2Page - International Rectifier JANTX2N6756 Datasheet HTML 3Page - International Rectifier JANTX2N6756 Datasheet HTML 4Page - International Rectifier JANTX2N6756 Datasheet HTML 5Page - International Rectifier JANTX2N6756 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Thermal Resistance
Parameter
Min. Typ. Max. Units
Test Conditions
RthJC
Junction-to-Case
1.67
RthJA
Junction-to-Ambient
30
K/W
Typical socket mount
Source-Drain Diode Ratings and Characteristics
Parameter
Min. Typ. Max. Units
Test Conditions
IS
Continuous Source Current (Body Diode)
14
Modified MOSFET symbol showing the
ISM
Pulse Source Current (Body Diode) Œ
——
56
integral reverse p-n junction rectifier.
VSD
Diode Forward Voltage
1.8
V
Tj = 25°C, IS = 14A, VGS = 0V 
trr
Reverse Recovery Time
300
ns
Tj = 25°C, IF = 14A, di/dt ≤ 100A/µs
QRR
Reverse Recovery Charge
3.0
µCVDD ≤ 50V 
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible. Turn-on speed is substantially controlled by LS + LD.
Electrical Characteristics @ Tj = 25°C (Unless Otherwise Specified)
Parameter
Min.
Typ. Max. Units
Test Conditions
BVDSS
Drain-to-Source Breakdown Voltage
100
V
VGS = 0V, ID = 1.0 mA
∆BVDSS/∆TJ Temperature Coefficient of Breakdown
0.13
V/°C
Reference to 25°C, ID = 1.0 mA
Voltage
RDS(on)
Static Drain-to-Source
0.18
VGS = 10V, ID = 9.0A
On-State Resistance
0.21
VGS = 10V, ID = 14.0A
VGS(th)
Gate Threshold Voltage
2.0
4.0
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
4.6
S ( )VDS > 15V, IDS = 9.0A 
IDSS
Zero Gate Voltage Drain Current
25
VDS = 0.8 x Max Rating,VGS = 0V
250
VDS = 0.8 x Max Rating
VGS = 0V, TJ = 125°C
IGSS
Gate-to-Source Leakage Forward
100
VGS = 20V
IGSS
Gate-to-Source Leakage Reverse
-100
VGS = -20V
Qg
Total Gate Charge
12
35
VGS = 10V, ID = 14A
Qgs
Gate-to-Source Charge
2.5
10
VDS = Max. Rating x 0.5
Qgd
Gate-to-Drain (“Miller”) Charge
5.0
15
see figures 6 and 13
td(on)
Turn-On Delay Time
35
VDD = 50V, ID = 14A,
tr
Rise Time
80
RG = 7.5Ω, VGS = 10V
td(off)
Turn-Off Delay Time
60
tf
Fall Time
45
see figure 10
LD
Internal Drain Inductance
5.0
LS
Internal Source Inductance
13.0
Ciss
Input Capacitance
650
VGS = 0V, VDS = 25V
Coss
Output Capacitance
250
f = 1.0 MHz
Crss
Reverse Transfer Capacitance
see figure 5
JANTX2N6756, JANTXV2N6756 Device

µA
nC
pF
nH
ns
Measured from the
drain lead, 6mm (0.25
in.) from package to
center of die.
Measured from the
source lead, 6mm
(0.25 in.) from package
to source bonding pad.
Modified MOSFET
symbol showing the
internal inductances.
nA
A
Next Data Sheet
Index
Previous Datasheet
To Order



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com