Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JANTX2N6756 Datasheet(PDF) 1 Page - International Rectifier

Part # JANTX2N6756
Description  POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.18ohm, Id=14A)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

JANTX2N6756 Datasheet(HTML) 1 Page - International Rectifier

  JANTX2N6756 Datasheet HTML 1Page - International Rectifier JANTX2N6756 Datasheet HTML 2Page - International Rectifier JANTX2N6756 Datasheet HTML 3Page - International Rectifier JANTX2N6756 Datasheet HTML 4Page - International Rectifier JANTX2N6756 Datasheet HTML 5Page - International Rectifier JANTX2N6756 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Product Summary
Part Number
BVDSS
RDS(on)
ID
JANTX2N6756
JANTXV2N6756
Features:
s
Avalanche Energy Rating
s
Dynamic dv/dt Rating
s
Simple Drive Requirements
s
Ease of Paralleling
s
Hermetically Sealed
N-CHANNEL
Provisional Data Sheet No. PD-9.333E
100 Volt, 0.18
Ω HEXFET
HEXFET technology is the key to International
Rectifier’s advanced line of power MOSFET transis-
tors. The efficient geometry achieves very low on-
state resistance combined with high transconductance.
HEXFET transistors also feature all of the well-es-
tablish advantages of MOSFETs, such as voltage
control, very fast switching, ease of paralleling and
electrical parameter temperature stability. They are
well-suited for applications such as switching power
supplies, motor controls, inverters, choppers, audio
amplifiers, and high energy pulse circuits, and virtu-
ally any application where high reliability is required.
JANTX2N6756
JANTXV2N6756
[REF:MIL-PRF-19500/542]
[GENERIC:IRF130]
HEXFET® POWER MOSFET
Absolute Maximum Ratings
Parameter
JANTX2N6756, JANTXV2N6756
Units
ID @ VGS = 10V, TC = 25°C
Continuous Drain Current
14
ID @ VGS = 10V, TC = 100°C Continuous Drain Current
9
IDM
Pulsed Drain Current Œ
56
PD @ TC = 25°C
Max. Power Dissipation
75
W
Linear Derating Factor
0.60
W/K 
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy 
75
mJ
IAR
Avalanche Current Œ
14
A
EAR
Repetitive Avalanche Energy Œ
7.5
mJ
dv/dt
Peak Diode Recovery dv/dt Ž
5.5
V/ns
TJ
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
Lead Temperature
300 (0.063 in. (1.6mm) from
case for 10.5 seconds)
Weight
11.5 (typical)
g
oC
A
14A
0.18
100V
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Part No. - JANTX2N6756

ManufacturerPart #DatasheetDescription
logo
International Rectifier
JANTX2N6756 IRF-JANTX2N6756 Datasheet
147Kb / 7P
TRANSISTORS N-CHANNEL(Vdss=100V, Rds(on)=0.18ohm, Id=14A)
logo
New Jersey Semi-Conduct...
JANTX2N6756 NJSEMI-JANTX2N6756 Datasheet
409Kb / 3P
HEXFET TRANSISTORS
logo
International Rectifier
JANTX2N6756 IRF-JANTX2N6756 Datasheet
150Kb / 7P
Repetitive Avalanche Ratings
JANTX2N6756 IRF-JANTX2N6756_15 Datasheet
150Kb / 7P
Repetitive Avalanche Ratings
More results

Similar Description - JANTX2N6756

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF130 IRF-IRF130 Datasheet
147Kb / 7P
TRANSISTORS N-CHANNEL(Vdss=100V, Rds(on)=0.18ohm, Id=14A)
IRFN150 IRF-IRFN150 Datasheet
217Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.060ohm, Id=34A)
IRFN240 IRF-IRFN240 Datasheet
223Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=200V, Rds(on)=0.18ohm, Id=18A)
IRFN350 IRF-IRFN350 Datasheet
212Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=400V, Rds(on)=0.315ohm, Id=14A)
IRFY130CM IRF-IRFY130CM Datasheet
338Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.18ohm, Id=14.4A)
IRFY240CM IRF-IRFY240CM Datasheet
281Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=200V, Rds(on)=0.18ohm, Id=16A)
IRHN7130 IRF-IRHN7130 Datasheet
508Kb / 14P
TRANSISTOR N-CHANNEL(BVdss=100V, Rds(on)=0.18ohm, Id=14)
JANTX2N6768 IRF-JANTX2N6768 Datasheet
233Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=400V, Rds(on)=0.300ohm, Id=14A)
JANTX2N6782 IRF-JANTX2N6782 Datasheet
232Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.60ohm, Id=3.5A)
JANTX2N6796 IRF-JANTX2N6796 Datasheet
236Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.18ohm, Id=8.0A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com