Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF130 Datasheet (PDF) - International Rectifier

IRF130 Datasheet PDF - International Rectifier
Part # IRF130
Download  IRF130 Download
File Size   147.29 Kbytes
Page   7 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description TRANSISTORS N-CHANNEL(Vdss=100V, Rds(on)=0.18ohm, Id=14A)

IRF130 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF130 Datasheet PDF - International Rectifier

Part # IRF130
Download  IRF130 Click to download

File Size   147.29 Kbytes
Page   7 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description TRANSISTORS N-CHANNEL(Vdss=100V, Rds(on)=0.18ohm, Id=14A)

IRF130 Datasheet (HTML) - International Rectifier


IRF130 Product details

Product Summary

The HEXFETtechnology is the key to International Rectifier’s advanced line of power MOSFET transistors.

The efficient geometry and unique processing of this latest “State of the Art” design achieves: very low on-state resistance combined with high transconductance; superior reverse energy and diode recovery dv/dt capability.

The HEXFET transistors also feature all of the well established advantages of MOSFETs such as voltage control, very fast switching, ease of paralleling and temperature stability of the electrical parameters.

They are well suited for applications such as switching power supplies, motor controls, inverters, choppers, audio amplifiers and high energy pulse circuits.



Features:

■ Repetitive Avalanche Ratings

■ Dynamic dv/dt Rating

■ Hermetically Sealed

■ Simple Drive Requirements

■ Ease of Paralleling



 




Similar Part No. - IRF130

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF130 SAMSUNG-IRF130 Datasheet
211Kb / 5P
N-CHANNEL POWER MOSFETS
logo
Seme LAB
IRF130 SEME-LAB-IRF130 Datasheet
22Kb / 2P
N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
IRF130 FAIRCHILD-IRF130 Datasheet
180Kb / 6P
N-Channel Power MOSFETs, 20 A, 60-100 V
logo
Intersil Corporation
IRF130 INTERSIL-IRF130 Datasheet
56Kb / 7P
14A, 100V, 0.160 Ohm, N-Channel Power MOSFET
March 1999
logo
New Jersey Semi-Conduct...
IRF130 NJSEMI-IRF130 Datasheet
106Kb / 3P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS
More results


Similar Description - IRF130

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRC503 IRF-IRC503 Datasheet
226Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=0.16ohm, Id=14A)
IRF140 IRF-IRF140 Datasheet
144Kb / 7P
TRANSISTORS N-CHANNEL(Vdss=100V, Rds(on)=0.077ohm, Id=28A)
IRF150 IRF-IRF150 Datasheet
150Kb / 7P
TRANSISTORS N-CHANNEL(Vdss=100V, Rds(on)=0.055ohm, Id= 38A)
IRF350 IRF-IRF350 Datasheet
144Kb / 7P
TRANSISTORS N-CHANNEL(Vdss=400V, Rds(on)=0.300ohm, Id=14A)
IRF530 IRF-IRF530 Datasheet
175Kb / 6P
Power MOSFET(Vdss=100V, Rds(on)=0.16ohm, Id=14A)
IRF530S IRF-IRF530S Datasheet
180Kb / 6P
Power MOSFET(Vdss=100V, Rds(on)=0.16ohm, Id=14A)
IRF9530N IRF-IRF9530N Datasheet
113Kb / 8P
Power MOSFET(Vdss=-100V, Rds(on)=0.20ohm, Id=-14A)
IRF9530NS IRF-IRF9530NS Datasheet
173Kb / 10P
Power MOSFET(Vdss=-100V, Rds(on)=0.20ohm, Id=-14A)
IRFR13N15D IRF-IRFR13N15D Datasheet
128Kb / 10P
Power MOSFET(Vdss=150V, Rds(on)max=0.18ohm, Id=14A)
JANTX2N6756 IRF-JANTX2N6756 Datasheet
236Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.18ohm, Id=14A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com