Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF140 Datasheet (PDF) - International Rectifier

IRF140 Datasheet PDF - International Rectifier
Part # IRF140
Download  IRF140 Download
File Size   144.37 Kbytes
Page   7 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description TRANSISTORS N-CHANNEL(Vdss=100V, Rds(on)=0.077ohm, Id=28A)

IRF140 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF140 Datasheet PDF - International Rectifier

Part # IRF140
Download  IRF140 Click to download

File Size   144.37 Kbytes
Page   7 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description TRANSISTORS N-CHANNEL(Vdss=100V, Rds(on)=0.077ohm, Id=28A)

IRF140 Datasheet (HTML) - International Rectifier


IRF140 Product details

The HEXFETtechnology is the key to International Rectifier’s advanced line of power MOSFET transistors. The efficient geometry and unique processing of this latest “State of the Art” design achieves: very low on-state resistance combined with high transconductance; superior reverse energy and diode recovery dv/dt capability.

Features:
■ Repetitive Avalanche Ratings
■ Dynamic dv/dt Rating
■ Hermetically Sealed
■ Simple Drive Requirements
■ Ease of Paralleling




Similar Part No. - IRF140

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF140 SAMSUNG-IRF140 Datasheet
211Kb / 5P
N-CHANNEL POWER MOSFETS
logo
Seme LAB
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
IRF140 FAIRCHILD-IRF140 Datasheet
146Kb / 5P
N-Channel Power MOSFETs, 27 A, 60-100V
logo
Intersil Corporation
IRF140 INTERSIL-IRF140 Datasheet
55Kb / 7P
28A, 100V, 0.077 Ohm, N-Channel Power MOSFET
March 1999
logo
New Jersey Semi-Conduct...
IRF140 NJSEMI-IRF140 Datasheet
103Kb / 3P
N-Channel Power MOSFETs, 27 A, 60-100 V
More results


Similar Description - IRF140

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRC540 IRF-IRC540 Datasheet
222Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=0.077ohm, Id=28A)
IRF130 IRF-IRF130 Datasheet
147Kb / 7P
TRANSISTORS N-CHANNEL(Vdss=100V, Rds(on)=0.18ohm, Id=14A)
IRF150 IRF-IRF150 Datasheet
150Kb / 7P
TRANSISTORS N-CHANNEL(Vdss=100V, Rds(on)=0.055ohm, Id= 38A)
IRF5M3710 IRF-IRF5M3710 Datasheet
114Kb / 7P
POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.03ohm, Id=35A)
IRF5NJ540 IRF-IRF5NJ540 Datasheet
115Kb / 7P
POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.052ohm, Id=22A*)
IRF9130 IRF-IRF9130 Datasheet
149Kb / 7P
TRANSISTORS P-CHANNEL(Vdss=-100V, Rds(on)=0.30ohm, Id=-11A)
IRF9140 IRF-IRF9140 Datasheet
148Kb / 7P
TRANSISTORS P-CHANNEL(Vdss=-100V, Rds(on)=0.2ohm, Id=-18A)
IRFN140 IRF-IRFN140 Datasheet
218Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.077ohm, Id=28A)
IRFY140CM IRF-IRFY140CM Datasheet
291Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.077ohm, Id=16*A)
IRC540PBF IRF-IRC540PBF Datasheet
1Mb / 9P
HEXFET POWER MOSFET ( VDSS=100V , RDS(on)=0.077廓 , ID=28A )
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com