Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN869 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN869
Description  Tj MAX LIMIT OF SCHOTTKY DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN869 Datasheet(HTML) 1 Page - STMicroelectronics

  AN869 Datasheet HTML 1Page - STMicroelectronics AN869 Datasheet HTML 2Page - STMicroelectronics AN869 Datasheet HTML 3Page - STMicroelectronics AN869 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1/4
May 2004
AN869
APPLICATION NOTE
Tj MAX LIMIT OF SCHOTTKY DIODES
REV. 2
INTRODUCTION
This application note is about the limit of Tj max given in the datasheet of SCHOTTKY rectifiers.
It explains the real meaning of this parameter and why in some applications, the component can operate
with a junction temperature higher than Tj max.
Table 1 shows the Tj max specified in the datasheet for the different families of SCHOTTKY diodes.
Table 1. Tj max versus SCHOTTKY family
For a classical ultra fast rectifier, this limit is equal to 150°C. For a SCHOTTKY diode this limit is lower (for
instance 125°C for a STPSxxL25). This lower limit of Tj max is only due to thermal runaway phenomenon
linked to the leakage current. This phenomenon is explained in the application note: "THERMAL RUN-
AWAY IN RECTIFIER".
This application note describes the rules for the calculation of the limit before thermal instability is reached.
This limit depends on the characteristics of the diodes (leakage current: IR, junction to case thermal resis-
tance Rth(j-c) ...) and application parameters (reapplied voltage across the diodes: VR, duty cycle of the
blocking of the diode: (1 -
δ), thermal resistance of the heatsink: Rth(c-a) ...).
The following two examples show that for the same diode (STPS10L25D) different conditions lead to dif-
ferent limits for Tj max.
First example:
Application parameters:
(1-
δ) = 0.5
VR = 15V
Rth(c-a) = 8.5°C/W
Diode parameters: (STPS10L25D):
IR max (15V, 125°C) = 210mA
Rth(j-c)=1.6°C/W
SCHOTTKY FAMILY
VRRM
(V)
Tj Max
(°C)
STPSxxL10
10
100
STPSxxL25
25
125
STPSxx45
45
150
STPSxx100
100
125


Similar Part No. - AN869

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8612NSB PANASONIC-AN8612NSB Datasheet
65Kb / 7P
SCSI active terminator IC
AN8612NSR PANASONIC-AN8612NSR Datasheet
56Kb / 5P
SCSI Active Terminator IC
logo
Infineon Technologies A...
AN86233 INFINEON-AN86233 Datasheet
880Kb / 59P
PSoC™ 4 MCU: PSoC™ 4100S Max
Rev. E 2022-10-14
logo
STMicroelectronics
AN863 STMICROELECTRONICS-AN863 Datasheet
204Kb / 22P
Improved sensorless control with the ST62 MCU for universal motor
12-Jun-2008
logo
Silicon Laboratories
AN865 SILABS-AN865 Datasheet
1Mb / 7P
APPLYING DUTY-CYCLE CONTROL TO SAVE POWER
More results

Similar Description - AN869

ManufacturerPart #DatasheetDescription
logo
Dc Components
DL60P DCCOM-DL60P Datasheet
43Kb / 1P
TECHNICAL SPECIFICATIONS OF SMALL SIGNAL SCHOTTKY DIODES
1N60P DCCOM-1N60P Datasheet
62Kb / 2P
TECHNICAL SPECIFICATIONS OF SMALL SIGNAL SCHOTTKY DIODES
SD103A DCCOM-SD103A Datasheet
52Kb / 2P
TECHNICAL SPECIFICATIONS OF SMALL SIGNAL SCHOTTKY BARRIER DIODES
SD103AWS DCCOM-SD103AWS Datasheet
261Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
STMicroelectronics
AN1768 STMICROELECTRONICS-AN1768 Datasheet
52Kb / 2P
ADMISSIBLE AVALANCHE POWER OF SCHOTTKY DIODES
Oct-2003
logo
FCI connector
100UR05 FCI-CONNECTOR-100UR05 Datasheet
202Kb / 1P
Electrical characteristics at Tj=25C max. unless stated otherwise
logo
Murata Manufacturing Co...
1255AY-220M MURATA-1255AY-220M Datasheet
726Kb / 2P
Max. of DC resistance
A914BYW-220M MURATA-A914BYW-220M Datasheet
725Kb / 2P
Max. of DC resistance
A915AY-3R3M MURATA-A915AY-3R3M Datasheet
725Kb / 2P
Max. of DC resistance
A915AY-4R7M MURATA-A915AY-4R7M Datasheet
725Kb / 2P
Max. of DC resistance
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com