Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN869 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN869
Description  Tj MAX LIMIT OF SCHOTTKY DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN869 Datasheet(HTML) 2 Page - STMicroelectronics

  AN869 Datasheet HTML 1Page - STMicroelectronics AN869 Datasheet HTML 2Page - STMicroelectronics AN869 Datasheet HTML 3Page - STMicroelectronics AN869 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AN869 APPLICATION NOTE
2/4
The limit of the reverse current at VR and Tj max before reaching thermal runaway is given by:
Where c is a thermal coefficient c
≈ 0.055
Rth(j-a) = Rth(j-c) + Rth(c-a)
We have: IR (15V, Tj max) = 242mA
Tj max is given by:
Tj max = 127°C
Second example:
Application parameters:
(1-
δ) = 0.5
VR = 5V
Rth(c-a) = 18.5°C/W
Diode parameters (STPS10L25D):
IR max (5V, 125°C) = 125mA
Rth(c-a=) = 1.6°C/W
We have IR (5V, Tj max) = 363mA
and
Tj max = 144°C
CONCLUSIONS
This application note shows that the maximum limit of Tj of the SCHOTTKY diodes given in the datasheet
is mainly due to the thermal runaway phenomenon. This limit doesn’t only depend on diode parameters
but also application parameters. In the first example corresponding to a typical application we will find Tj
max given in the datasheet. The second example shows that in some applications SCHOTTKY diodes can
be used with a junction temperature higher than the Tj max given in the datasheet.
IR 15VTjmax
,
()
1
VR 1 δ
–
()cRth j a
–
()
----------------------------------------------------
=
Tjmax
125
=
1
C
----
In
IR 15VTjmax
,
()
IRmax 15V 125°C
,
()
--------------------------------------------------
+



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com