Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2269 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2269
Description  Using the ST8024 Smartcard Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2269 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2269 Datasheet HTML 9Page - STMicroelectronics AN2269 Datasheet HTML 10Page - STMicroelectronics AN2269 Datasheet HTML 11Page - STMicroelectronics AN2269 Datasheet HTML 12Page - STMicroelectronics AN2269 Datasheet HTML 13Page - STMicroelectronics AN2269 Datasheet HTML 14Page - STMicroelectronics AN2269 Datasheet HTML 15Page - STMicroelectronics AN2269 Datasheet HTML 16Page - STMicroelectronics AN2269 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
AN2269 - Application Note
Emergency Deactivation/Fault Detection
13/25
3.4
VCC Short Circuit Fault Protection
The ST8024 is able to supply the card with current pulses of about 140mA for no longer than
5.5µs, typical (see
Figure 11 and Figure 12 on page 14).
Short circuit protection is an important interface feature that warns the sequencer block if
the output current becomes higher than the short circuit current limit (
≈120mA) for too much
time. This characteristic allows the device to supply the card with current pulses higher than
the maximum allowed, if their lengths are not too long. If the current pulses last for more
than 5.5µs, the deactivation sequence starts to protect the card. The OFF pin goes low so
as to warn the microcontroller about the overcurrent fault. The sequence in
Figure 12 on
page 14 shows how the current pulse becomes long enough to make the short circuit
protection happen.
Figure 11.
ST8024 Current Supply Sequence
Legend:
1.
CH1 = CMDVcc
2.
CH2 = ISC Pulse
3.
CH3 = VCC
4.
CH4 = OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com