Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2269 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN2269
Description  Using the ST8024 Smartcard Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2269 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN2269 Datasheet HTML 17Page - STMicroelectronics AN2269 Datasheet HTML 18Page - STMicroelectronics AN2269 Datasheet HTML 19Page - STMicroelectronics AN2269 Datasheet HTML 20Page - STMicroelectronics AN2269 Datasheet HTML 21Page - STMicroelectronics AN2269 Datasheet HTML 22Page - STMicroelectronics AN2269 Datasheet HTML 23Page - STMicroelectronics AN2269 Datasheet HTML 24Page - STMicroelectronics AN2269 Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
AN2269 - Application Note
ST8024 Application Hardware Guidelines
21/25
4.3
Smart Card Connections
In typical applications, a 100nF filter capacitor (C3) is connected to the VCC output towards
GND/CGND, near the ST8024 pins. A second 100nF capacitor (C8) is connected between
the card socket pins C1 (VCC) and C5 (CGND), near the card slot (see Figure 19). In order
to reduce noise and avoid coupling effects, the wire length between the ST8024 and card
should be as short as possible.
Another recommendation is to keep the CLK track far away from the other signal tracks to
limit coupling with the transceiver lines. Further decoupling is gained if the clock track is
shielded by a GND/CGND plane or track on the PCB.
Keeping the PGND and GND/CGND planes as large as possible improves power supply
noise rejection. With this in mind, the board design should connect these planes with a large
number of vias between the top and bottom board layers (3-4 vias per cm2).
The VCC spikes are much lower than 350mVPP, even when a pulsed load of up to 80mA is
applied with VCC = 5V, or up to 65mA with VCC = 3V, as specified by the NDS requirements.
Figure 20 on page 22 shows a typical VCC output waveform where an 80mA pulsed load
applied and the measured ripple is lower than 160mVPP.
Figure 19.
ST8024 Application PCB Smart Card Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com