Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0162 Datasheet(PDF) 13 Page - STMicroelectronics

Part # UM0162
Description  Getting Started with the CAN Industrial Controller Evaluation Board
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0162 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button UM0162 Datasheet HTML 9Page - STMicroelectronics UM0162 Datasheet HTML 10Page - STMicroelectronics UM0162 Datasheet HTML 11Page - STMicroelectronics UM0162 Datasheet HTML 12Page - STMicroelectronics UM0162 Datasheet HTML 13Page - STMicroelectronics UM0162 Datasheet HTML 14Page - STMicroelectronics UM0162 Datasheet HTML 15Page - STMicroelectronics UM0162 Datasheet HTML 16Page - STMicroelectronics UM0162 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
UM0162
1 Hardware
13/32
Note: 1 If a resistor assembly is used (hardware option set), the appropriate microcontroller signal
should be set as an input!
2 Do not assemble both resistors of each pair as this will short-circuit the supply voltage!
Table 2.
CAN channel slew rate settings
Channel
Signal
Resistor
Assembled
No.
Speed
Slew Rate
No.
Level
1
Low
5 to 20 V/µs
P3.8
High
R54
High
20 to 50 V/µs
Low
R56
2
Low
5 to 20 V/µs
P3.9
High
R59
High
20 to 50 V/µs
Low
R61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com