Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0162 Datasheet(PDF) 23 Page - STMicroelectronics

Part # UM0162
Description  Getting Started with the CAN Industrial Controller Evaluation Board
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0162 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button UM0162 Datasheet HTML 19Page - STMicroelectronics UM0162 Datasheet HTML 20Page - STMicroelectronics UM0162 Datasheet HTML 21Page - STMicroelectronics UM0162 Datasheet HTML 22Page - STMicroelectronics UM0162 Datasheet HTML 23Page - STMicroelectronics UM0162 Datasheet HTML 24Page - STMicroelectronics UM0162 Datasheet HTML 25Page - STMicroelectronics UM0162 Datasheet HTML 26Page - STMicroelectronics UM0162 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
UM0162
4 Revision history
23/32
Appendix A Bill Of Materials
Table 8.
Bill of materials
ID
PCS
Part Reference
Value
Device Type
Mftr/Distri
Order Code
130
C1, C3, C4, C13, C22, C23,
C28, C33, C35, C36, C40, C41,
C42, C43, C44, C45, C46, C47,
C48, C51, C52, C55, C57, C58,
C61, C63, C64, C65, C73 and
C77
100nF
SMD Capacitor Ceramic
Size 0805
220
C2, C6, C7, C8, C9, C10, C11,
C12, C15, C16, C17, C18, C24,
C25, C26, C27, C34, C37, C38
and C39
22nF
SMD Capacitor Ceramic
Size 1206
312
C50, C53, C54, C56, C72, C74,
C75 and C76
10µ/6.3V
(B)
SMD Tantalum
Capacitor
Epcos
B45196E1106
M209
4
2
C19 and C20
30pF
SMD Capacitor Ceramic
Size 0805
5
2
C29 and C62
2.2µ/
6.3V (A)
SMD Tantalum
Capacitor Size A
Epcos
B45196E1225
M109
61
C30
1µ (A)
SMD Tantalum
Capacitor Size A
Epcos
B45196E3105
M109
7
2
C31 and C32
330nF
Not Assembled SMD
Capacitor Ceramic Size
0805
8
2
C59 and C60
33n
SMD Capacitor Ceramic
Size 1206
9
4
C66, C67, C68 and C69
10nF/
500V
THT Ceramic Capacitor
10
2
C70 and C71
330nF
SMD Capacitor Ceramic
Size 0805
11
5
D1, D5, D8, D11 and D12
STTH1L
06A
Schottky Diode
ST
12
11
D2, D3, D4, D6, D7, D9, D10,
D13, D14, D15 and D16
LED
3mm Red LED 2mA
Agilent
Technologies
L-HLMP-1700
13
1
F1
F500mA
SMD Fuse Fast Acting
Size 1206
Farnell
968-857
14
2
J1 and J6
CON10
Double level Terminal
Block MKKDS/2-5.08 +
MKKDS/3-5.08
Phoenix-
Contact
1725038 +
1725041
15
17
J8, J10, J18, J19, J28, J30, J45,
J47, J48, J49, J51, J52, J56,
J57, J62, J63 and J65
Jumper
Header 2pin 2.54mm
pitch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com