Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0839 Datasheet(PDF) 9 Page - STMicroelectronics

Part # UM0839
Description  ST L9942 evaluation board
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0839 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button UM0839 Datasheet HTML 5Page - STMicroelectronics UM0839 Datasheet HTML 6Page - STMicroelectronics UM0839 Datasheet HTML 7Page - STMicroelectronics UM0839 Datasheet HTML 8Page - STMicroelectronics UM0839 Datasheet HTML 9Page - STMicroelectronics UM0839 Datasheet HTML 10Page - STMicroelectronics UM0839 Datasheet HTML 11Page - STMicroelectronics UM0839 Datasheet HTML 12Page - STMicroelectronics UM0839 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
UM0839
L9942 pin description
Doc ID 16519 Rev 2
9/32
5
L9942 pin description
Figure 5.
L9942 pinout
Table 3.
L9942 pin descriptions
Pin
Symbol
Function
1, 12, 13, 24
PGND
Power ground.
3, 10,15 ,22
VS
Power supply voltage.
2, 23
QA1,QA2
Fullbridge outputs An.
11, 14
QB1, QB2
Fullbridge outputs Bn.
4
CLK
SPI clock input.
5
DI
Serial data input.
6
CSN
Chip select not input.
7
DO
SPI data output.
8PWM
PMW output.
9
STEP
Step clock input.
16
CP
Charge pump output.
17
GND
Ground.
18
TEST
Test input.
19
VCC
Logic supply voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com