Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0839 Datasheet(PDF) 21 Page - STMicroelectronics

Part # UM0839
Description  ST L9942 evaluation board
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0839 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button UM0839 Datasheet HTML 17Page - STMicroelectronics UM0839 Datasheet HTML 18Page - STMicroelectronics UM0839 Datasheet HTML 19Page - STMicroelectronics UM0839 Datasheet HTML 20Page - STMicroelectronics UM0839 Datasheet HTML 21Page - STMicroelectronics UM0839 Datasheet HTML 22Page - STMicroelectronics UM0839 Datasheet HTML 23Page - STMicroelectronics UM0839 Datasheet HTML 24Page - STMicroelectronics UM0839 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
UM0839
Configure L9942 graphic user interface
Doc ID 16519 Rev 2
21/32
11.1.6
DAC scale (DC2, DC1, DC0)
11.1.7
NPWM
11.1.8
PWM counter (D7~D0)
11.1.9
FRE
Description:
These bits set full scale range of limit.
Value:
95mA
→ 000
140mA
→ 001
230mA
→ 010
360mA
→ 011
550mA
→ 100
810mA
→ 101
1150mA
→ 110
1350mA
→ 111
Default:
000
SPI-DIN Bit:
Register 1, bits 12, 11 and 10.
Description:
This bit switches internal PWM signal of bridge A to pin PWM if set to 0.
Value:
Internal PWM signal of bridge A switch to pin PWM
→ 0
Pin PWM is in high resistance status
→ 1
Default:
0
SPI-DIN Bit:
Register 3, bit 5.
Description:
These bits are for threshold value in counter of active time during signal
PWM.
Value:
0~255
Default:
0
SPI-DIN Bit:
Register 3, bits 7 and 6; Register 4, bits 7, 6 and 5; Register 5, bits 7, 6 and
5
Description:
This bit sets frequency of PWM cycle.
Value:
PWM frequency 30 kHz
→ 0
PWM frequency 20 kHz
→ 1
Default:
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com