Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3089 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN3089
Description  This application note describes the characteristics
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3089 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN3089 Datasheet HTML 9Page - STMicroelectronics AN3089 Datasheet HTML 10Page - STMicroelectronics AN3089 Datasheet HTML 11Page - STMicroelectronics AN3089 Datasheet HTML 12Page - STMicroelectronics AN3089 Datasheet HTML 13Page - STMicroelectronics AN3089 Datasheet HTML 14Page - STMicroelectronics AN3089 Datasheet HTML 15Page - STMicroelectronics AN3089 Datasheet HTML 16Page - STMicroelectronics AN3089 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
DocID16493 Rev 2
13/25
AN3089
Functional check
25
In Figure 10 and Figure 11 the transitions from full load to no load and vice versa, at
maximum input voltage, have been checked. The maximum input voltage has been chosen
because it is the most critical input voltage for transition: in fact, at no load the burst pulses
have the lower repetition frequency and the Vcc may drop, causing restart cycles of the
controller. As shown, both transitions are clean and there isn’t any output voltage or Vcc dip.
3.2
Overcurrent and short-circuit protection
In this demonstration board the overcurrent is managed by the TSM1014 (U3), a CC/CV
controller. Inside the IC there is a voltage reference and two Or-ed operational amplifiers,
one dedicated to act as the error amplifier of the voltage loop, and the second dedicated to
act as the error amplifier of the current loop. During normal operation the voltage feedback
loop is working, while in the case where the output current exceeds the programmed value,
the current loop error amplifier takes over, therefore keeping the output current constant.
In case of a dead-short, the current cannot be limited effectively by U5 because the output
voltage drops, and so it is unpowered, therefore the primary controller must manage the
failure condition.
In case of a output short, there are two different possible situations which the controller must
handle: if the coupling between the secondary winding and the auxiliary winding is good, as
soon as the output voltage drops, the auxiliary voltage drops as well and the IC supply
voltage falls below the undervoltage lockout threshold, causing the L6566B to stop
switching. It remains in the off-state until the voltage on the Vcc pin decreases below the
Vccrestart threshold (5 V), then, the HV startup turns on and charges the Vcc capacitor; as
soon as the turn-on threshold is reached, the circuit restarts. If the short is still there, the
circuit just attempts to restart but it stops after a few milliseconds. Restart attempts are
repeated indefinitely until the short is removed. This provides a very low frequency hiccup
working mode (for this board 1 Hz), limiting the current flowing at the secondary side (less
than 1 Arms) preventing the power supply from overheating, which could destroy it.
In the case where the coupling between the auxiliary and secondary winding is poor, some
spikes on the auxiliary voltage may keep Vcc above the UVLO threshold for a period long
enough to damage the converter. In this case the L6566B detects a short-circuit by
monitoring the control pins: in the case of a short, the COMP pin goes high, and an internal
Figure 10. Transition full load to no load
at 265 Vac – 50 Hz
Figure 11. Transition no load to full load
at 265 Vac – 50 Hz
CH1: drain voltage
CH2: Vcc
CH1: drain voltage
CH2: Vcc
CH3: output voltage
CH4: output current
CH3: output voltage
CH4: output current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com