Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3089 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN3089
Description  This application note describes the characteristics
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3089 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN3089 Datasheet HTML 17Page - STMicroelectronics AN3089 Datasheet HTML 18Page - STMicroelectronics AN3089 Datasheet HTML 19Page - STMicroelectronics AN3089 Datasheet HTML 20Page - STMicroelectronics AN3089 Datasheet HTML 21Page - STMicroelectronics AN3089 Datasheet HTML 22Page - STMicroelectronics AN3089 Datasheet HTML 23Page - STMicroelectronics AN3089 Datasheet HTML 24Page - STMicroelectronics AN3089 Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
DocID16493 Rev 2
21/25
AN3089
Transformer specification
25
7
Transformer specification
General description and characteristics
Application type: consumer, home appliance
Transformer type: open
Coil former: horizontal type, 6 + 6 pins
Max. temp. rise: 45 ºC
Max. operating ambient temperature: 60 ºC
Mains insulation: acc. with EN60950
Electrical characteristics
Converter topology: QR flyback
Core type: EER28L-PC44 or equivalent
Typical operating frequency: 100 kHz
Primary inductance: 500 µH ± 10% at 1 kHz - 0.25 V(a)
Leakage inductance: 5 µH max. at 100 kHz - 0.25 V(b)
Figure 20. Transformer
“”
a. Measured between pins 2 - 1.
b. Measured between pins 2 - 1 with secondary windings shorted.
Table 4. Transformer winding data
Pins
Winding
RMS current
Number of
turns
Wire type
3 - 1
PRIMARY A(1)
1. Secondary windings are wound between primary A and primary B layers.
0.84 ARMS
27
G1
 30 x 0.1 mm
9 - 7
SEC - A(2)
2. Secondary windings A and B are in parallel.
2.9 ARMS
7G1
 90 x 0.1 mm
10 - 8
SEC - B (2)
2.9 ARMS
7G1
 90 x 0.1 mm
2 - 3
PRIMARY B(1)
0.84 ARMS
27
G1
 30 x 0.1 mm
6 - 5
AUX
0.05 ARMS
6 spaced
G2
 0.25 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com