Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3180 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN3180
Description  A 200 W ripple-free input current
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3180 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN3180 Datasheet HTML 17Page - STMicroelectronics AN3180 Datasheet HTML 18Page - STMicroelectronics AN3180 Datasheet HTML 19Page - STMicroelectronics AN3180 Datasheet HTML 20Page - STMicroelectronics AN3180 Datasheet HTML 21Page - STMicroelectronics AN3180 Datasheet HTML 22Page - STMicroelectronics AN3180 Datasheet HTML 23Page - STMicroelectronics AN3180 Datasheet HTML 24Page - STMicroelectronics AN3180 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
AN3180
A 200 W ripple-free input current PFC pre-regulator
Doc ID 17273 Rev 1
21/39
Table 1.
Bill of material
Ref.
Value
Description
Supplier
BD1
D15XB60
15 A/600 V single phase bridge rectifier
SHINDENGEN
C1
220 nF-630 V
630 V polypropylene film capacitor
AVX
C2
1. 5 µF-630 V
630 V polypropylene film capacitor
EPCOS
C3
150 µF-450 V
450 V - aluminium ELCAP - MXG series - 105 °C
Rubycon
C4
10 n
SMD-0805 25 V CERCAP - general purpose
Murata
C5
47 µF-25 V
25 V - aluminium ELCAP - general purpose - 105 °C
NICHICON
C6
100 nF
SMD-0805 25 V CERCAP - general purpose
Murata
C7
3.3 nF
100 V CERCAP - general purpose
AVX
C8
1 µF
SMD-1206 16 V CERCAP - general purpose
Murata
C9
47 nF
SMD-0805 25 V CERCAP - general purpose
Murata
C10
470 nF
SMD-0805 16 V CERCAP - general purpose
Murata
C11
330 pF
SMD-1206 25 V CERCAP - general purpose
Murata
C12
22 nF
SMD-0805 25 V CERCAP - general purpose
Murata
C13
2.2 nF
SMD-0805 25 V CERCAP - general purpose
Murata
CX1
250 V 330 nF
X2 - safety CAP.
ARCOTRONICS
CX2
250 V 330 nF
X2 - safety CAP.
ARCOTRONICS
CY1
2.2 nF
Y1 - safety CAP - DE1E3KX222M
Murata
CY2
2.2 nF
Y1 - safety CAP - DE1E3KX222M
Murata
D1
1N5406
3 A/600 V rectifier-general purpose
STMicroelectronics
D2
STTH5L06
5 A/600 V high voltage ultrafast rectifier
STMicroelectronics
D3
LL4148
Fast switching diode
VISHAY
D4
LL4148
Fast switching diode
VISHAY
F1
FUSE 250 V 5 A
Fuse T5A - time delay
Wickmann
L1
15 mH
15 mH common mode choke
L2
ZRC-IND-260 µH
ZRC-PFC inductor EC35 - PC44 (two slot bobbin)
Q1
STF12NM50N
12 A/500 V N-channel power MOSFET
STMicroelectronics
R1
0.27
Ω
AXIAL stand. m-film res - 2 W -5 %
BC COMPONENTS
R2
0.22
Ω
AXIAL stand. m-film res - 2 W -5 %
BC COMPONENTS
R3
1.0 M
Ω
SMD-0805 standard film res - 1/8 W - 1 % -100 ppm/°C
VISHAY
R4
1.0 M
Ω
SMD-0805 standard film res - 1/8 W - 1 % -100 ppm/°C
VISHAY
R5
16 k
Ω
SMD-0805 standard film res - 1/8 W - 1 % -100 ppm/°C
VISHAY
R6
120 k
Ω
SMD-0805 standard film res - 1/8 W - 5 % -100 ppm/°C
VISHAY
R7
120 k
Ω
SMD-0805 standard film res - 1/8 W - 5 % -100 ppm/°C
VISHAY
R8
33
Ω
SMD-0805 standard film res - 1/8 W - 1 % -100 ppm/°C
VISHAY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com