Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3180 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN3180
Description  A 200 W ripple-free input current
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3180 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN3180 Datasheet HTML 19Page - STMicroelectronics AN3180 Datasheet HTML 20Page - STMicroelectronics AN3180 Datasheet HTML 21Page - STMicroelectronics AN3180 Datasheet HTML 22Page - STMicroelectronics AN3180 Datasheet HTML 23Page - STMicroelectronics AN3180 Datasheet HTML 24Page - STMicroelectronics AN3180 Datasheet HTML 25Page - STMicroelectronics AN3180 Datasheet HTML 26Page - STMicroelectronics AN3180 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
AN3180
A 200 W ripple-free input current PFC pre-regulator
Doc ID 17273 Rev 1
23/39
Figure 14.
Harmonic emissions and conformity to JEITA-MITI standards
Figure 15.
Harmonic emissions and conformity to EN61000-3-2 standards
Table 3.
200 W PFC pre-regulator with ripple-free input current: coupled inductor
specification
Item
Description
Core
2xEFD35, PC40 material grade
Bobbin
2-slot, 14 pins, horizontal mounting
Inductance
AC winding inductance (pin 3-1): 260 µH
DC winding inductance (pin 12-8): 490 µH
leakage inductance (pin 12-8 with pin 1-3 shorted): 255 µH
Windings
spec and build
Winding
Pin S/E
Wire
Turns
Notes
AC
3/1
100 x 0.1 mm
46
Wound in slot 1
DC
12/8
0.7 mm
64
Wound in slot 2
aux
14/5
0.3 mm
7
Evenly spaced, on top of
AC winding



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com