Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3276 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN3276
Description  ST solution for efficiency improvement in PFC applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3276 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN3276 Datasheet HTML 9Page - STMicroelectronics AN3276 Datasheet HTML 10Page - STMicroelectronics AN3276 Datasheet HTML 11Page - STMicroelectronics AN3276 Datasheet HTML 12Page - STMicroelectronics AN3276 Datasheet HTML 13Page - STMicroelectronics AN3276 Datasheet HTML 14Page - STMicroelectronics AN3276 Datasheet HTML 15Page - STMicroelectronics AN3276 Datasheet HTML 16Page - STMicroelectronics AN3276 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
AN3276
The new ST solution - BC2: energy recovery circuit
Doc ID 17975 Rev 1
13/22
2.3
Electrical voltage stress in BC2
Table 1 summarizes the maximum voltage across each semiconductor versus the phases.
The BC2 circuit needs to use a specific diode with a breakdown voltage higher than 600 V.
Moreover, its recovery current should be optimized to avoid an higher current in the power
transistor during the phase [t1-t2]. ST has developed specific diodes (STTH16BC065C,
STTH10BC065C and STTH8BC065) for the BC2 circuit. They have been designed to
sustain average currents of 5 to 8 A (depending on the application) and a repetitive reverse
voltage VRRM of 650 V.
2.4
Calculation of m2 and m1 ratios
To respect the discontinuous operating mode during the timing phases [t1-t2] and [t3-t4], the
time td1 and td2 shown in Figure 7 should be always positive. According to the typical CCM
PFC rules and both tD1_ON and tD2_ON expressions, it becomes easy to define the m1 and
m2 transformer ratio conditions.
and
Where PIN is the input PFC power, Fs is the switching frequency, VmainsRMSmax is the
maximum rms voltage range and the IRMmax is the maximum current recovery under the
turn-on dI/dt at its maximum operating junction condition.
Table 1.
Maximum reverse voltage in the BC2
Maximum
voltages
Phases
Waveform expression
> VOUT?
VRTRmax
t3 - t4
VOUT
NO
VRDBmax
t1 - t2
YES
VRD1max
t0 - t1
t3 - t4
NO
VRD2max
t0 - t1
t1 - t2
t2 - t3
VOUT
NO
OUT
1
2
1
max
mainsRMS
V
m
1
)
m
(m
2
V
+
+
+
OUT
2
2
1
OUT
max
mainsRMS
V
m
1
)
m
(m
)
V
2
(V
+
+
+
() ()L
V
max
P
2
max
V
-
V
max
V
F
L
V
max
P
m
OUT
IN
mainsRMS
OUT
2
mainsRMS
s
OUT
IN
2
>
()
()
2
max
V
V
2
max
V
F
V
L
max
I
m
1
m
mains
OUT
mains
s
OUT
RM
2
1
+
>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com