Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3276 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN3276
Description  ST solution for efficiency improvement in PFC applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3276 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN3276 Datasheet HTML 10Page - STMicroelectronics AN3276 Datasheet HTML 11Page - STMicroelectronics AN3276 Datasheet HTML 12Page - STMicroelectronics AN3276 Datasheet HTML 13Page - STMicroelectronics AN3276 Datasheet HTML 14Page - STMicroelectronics AN3276 Datasheet HTML 15Page - STMicroelectronics AN3276 Datasheet HTML 16Page - STMicroelectronics AN3276 Datasheet HTML 17Page - STMicroelectronics AN3276 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
The new ST solution - BC2: energy recovery circuit
AN3276
14/22
Doc ID 17975 Rev 1
2.5
Calculation of L
There are several ways to rate the inductance L. For instance, its turn-on dI/dt can be rated
at 50 A/µs. Then, m2 and m1 are calculated taking into account the corresponding IRM of
diode DB. However, the reverse voltage across the DB, VRDB_reverse, must not exceed 75%
of VRRM to meet the system design rule, 75% x 650 = 487 V. If VRDB_reverse is higher than
487 V, the L value should be reduced. Therefore, the dI/dt of L and the IRM diode of DB
increase as well. Thus, m1 and m2 should be recalculated to get VRDB_reverse below 487 V.
But this calculation method does not optimize the inductance L and its size. Ultimately, a
good rating should minimize L size. ST has developed a software tool using all the
parameters: the IRM diode of DB versus the dI/dt and junction TJ, the L inductance
tolerances, and the switch-on power losses. This tool is proposed to help designers to
choose the best L inductance for its application. Table 2 shows two PFC examples using the
BC2 concept.
2.6
Range of products
ST offers the BC2 technology in a range of products:
●
STTH8BC065DI, STTH8BC060D, STTH5BCF060 for applications from 800 W to 2 kW
●
STTH16BC065CT, STTH5BCF060 for applications from 400 W to 1 kW
●
STTH10BC065CT + STTH3BCF060U for applications from 280 W to 600 W
Table 2.
Inductor and size versus the PFC types
Case 1
Case 2
Input power
100 W < Pin < 1.1 kW
50 W < Pin < 450 W
VmainsRMS
90V < Vmainsrms < 264 V
90 V <Vmainsrms< 264 V
VOUT
400 V
400 V
Fs
95 kHz
95 kHz
Inductor and size
3 µH
5 µH
Core reference
Core DR78381
(Datatronics Limited)
Core DR79124
(Datatronics Limited)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com