Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3432 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN3432
Description  How to choose a bypass diode for a silicon panel junction box
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3432 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN3432 Datasheet HTML 9Page - STMicroelectronics AN3432 Datasheet HTML 10Page - STMicroelectronics AN3432 Datasheet HTML 11Page - STMicroelectronics AN3432 Datasheet HTML 12Page - STMicroelectronics AN3432 Datasheet HTML 13Page - STMicroelectronics AN3432 Datasheet HTML 14Page - STMicroelectronics AN3432 Datasheet HTML 15Page - STMicroelectronics AN3432 Datasheet HTML 16Page - STMicroelectronics AN3432 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
AN3432
Application constraints
Doc ID 019041 Rev 1
13/24
Figure 9.
STPS20L45C and STPS2045C reverse losses versus junction
temperature
The reverse losses curves, shown in Figure 9, are calculated in the following application
conditions:
Ppanel = 400 W at Tamb = 85 °C, 3 bypass diodes, VOC(STC) = 85 V
To calculate the maximum reverse voltage VRRM, use the method described in
Section 2.3.2.
VR = 25 V, Tj = Tamb
Prev_2045(85 °C) = 0.014 W
Prev_20L45(85 °C) = 0.13 W
In application conditions, the solar module efficiency lost due to bypass diodes is around
0.05% for STPS20L45 and 0.004% for STPS2045.
The diode with the lower forward voltage (STPS20L45C) has the drawback of a higher
leakage current. The consequence is not visible on power module efficiency due to the low
level contribution of the bypass diode reverse losses.
However, it impacts the diode choice since the leakage current is directly linked with thermal
runaway risk. To avoid this phenomenon the choice of a diode with higher forward voltage is
mandatory as described in Section 3.1.2.
0
1
2
3
4
5
6
7
8
9
10
-40
-20
0
20
40
60
80
100
120
140
160
180
200
Prev (W)
STPS2045C
STPS20L45C
VR = 25 V
Tj (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com