Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3432 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN3432
Description  How to choose a bypass diode for a silicon panel junction box
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3432 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN3432 Datasheet HTML 16Page - STMicroelectronics AN3432 Datasheet HTML 17Page - STMicroelectronics AN3432 Datasheet HTML 18Page - STMicroelectronics AN3432 Datasheet HTML 19Page - STMicroelectronics AN3432 Datasheet HTML 20Page - STMicroelectronics AN3432 Datasheet HTML 21Page - STMicroelectronics AN3432 Datasheet HTML 22Page - STMicroelectronics AN3432 Datasheet HTML 23Page - STMicroelectronics AN3432 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
AN3432
Optimized bypass diode for a given solar panel or junction box
Doc ID 019041 Rev 1
21/24
Step 3: Eliminate the risk of thermal runaway
As explained in the previous section, the most critical step is the thermal runaway risk that
occurs at the diode switching off. In the worst case, the diode will conduct a current very
close to Isc = 6.4 A and will switch off with a reverse bias voltage equal to
Voc (85 °C)/ 3 = 64.83 / 3 = 21.61 V.
The power conduction losses calculation gives:
With:
The power reverse losses are given by the following equation:
Then we apply the thermal law in order to find the junction temperature at switching time.
Thermal law and power conduction losses curves cross gives the junction temperature at
switching time in Figure 16.
Figure 16.
STPS3045C thermal runaway risk analysis
The junction temperature at switching off is 164 °C. At this junction temperature, the reverse
losses are below the conduction losses. In conclusion, there is no risk of thermal runaway
with STPS3045CGC.
sc
j
sc
F
j
cond
I
T
,
I
(
V
)
T
(
P
=
)
25
T
(
10
1
2
.
0
)
T
(
R
)
25
T
(
10
3
.
2
51
.
0
)
T
(
V
I
)
T
(
R
)
T
(
V
)
T
,
I
(
V
j
4
j
d
j
3
j
0
T
sc
j
d
j
0
T
j
sc
F
×
+
=
×
=
+
=
)
125
Tj
(
06
.
0
1
j
rev
e
10
51
.
1
)
T
(
P
=
j
Thermal
) =
T
(
P
(Tj - 85 °C)
30
0
1
2
3
4
5
6
7
8
9
10
-40
-20
0
20
40
60
80
100
120
140
180
200
P(W)
Pthermal(Tj )
Tj@t 0=164 °C
No thermal runaway risk
Prev(Tj@t 0)< Pcond (Tj@t 0)
Tj (°C)
160



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com