Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVD13 Datasheet(PDF) 1 Page - International Rectifier

Part # PVD13
Description  Photovoltaic Relay Microelectronic Power IC Relay Single-Pole, 500mA, 0-100V DC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVD13 Datasheet(HTML) 1 Page - International Rectifier

  PVD13 Datasheet HTML 1Page - International Rectifier PVD13 Datasheet HTML 2Page - International Rectifier PVD13 Datasheet HTML 3Page - International Rectifier PVD13 Datasheet HTML 4Page - International Rectifier PVD13 Datasheet HTML 5Page - International Rectifier PVD13 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PD 1.024D
Series PVD13
Microelectronic
Power IC Relay
Single-Pole, 500mA, 0-100V DC
BOSFET® Photovoltaic Relay
General Description
The Photovoltaic DC Relay (PVD) is a single-pole, nor-
mally open solid state replacement for electro-me-
chanical relays used for general purpose switching of
analog signals. It utilizes as an output switch a unique
bidirectional (AC or DC) MOSFET power IC termed a
BOSFET. The BOSFET is controlled by a photovoltaic
generator of novel construction, which is energized by
radiation from a dielectrically isolated light emitting di-
ode (LED).
The PVD overcomes the limitations of both conven-
tional and reed electromechanical relays by offering
the solid state advantages of long life, high operating
speed, low pick-up power, bounce-free operation, low
thermal voltages and miniaturization. These advan-
tages allow product improvement and design innova-
tions in many applications such as process control,
multiplexing, telecommunications, automatic test
equipment and data acquisition.
The PVD can switch analog signals from thermocouple
level to 100 volts peak DC. Signal frequencies into the
RF range are easily controlled and switching rates up
to 2kHz are achievable. The extremely small thermally
generated offset voltages allow increased measure-
ment accuracies.
Unique silicon technology developed by International
Rectifier forms the heart of the PVD. The monolithic
BOSFET contains a bidirectional N-channel power
MOSFET output structure. In addition, this power IC
chip has input circuitry for fast turn-off and gate protec-
tion functions. This section of the BOSFET chip utilizes
both bipolar and MOS technology to form NPN transis-
tors, P-channel MOSFETs, resistors, diodes and ca-
pacitors.
The photovoltaic generator similarly utilizes a unique
International Rectifier alloyed multijunction structure.
The excellent current conversion efficiency of this tech-
nique results in the very fast response of the PVD mi-
croelectronic power IC relay.
This advanced semiconductor technology has created
a radically new control device. Designers can now de-
velop switching systems to new standards of electrical
performance and mechanical compactness.
PVD13 Features
BOSFET Power IC s
s
s
s
s
1010 Operations s
s
s
s
s
300µsec Operating Time s
s
s
s
s
3 milliwatts Pick-Up Power s
s
s
s
s
1000V/µsec dv/dt s
s
s
s
s
Bounce-Free s
s
s
s
s
8-pin DIP Package s
s
s
s
s
-40°C to 85°C s
s
s
s
s
UL recognized s
s
s
s
s
Part Identification
Part Number
Operating
Sensitivity
Off-State
Voltage (DC)
Resistance
PVD1352
108 Ohms
0 – 100V
5 mA
PVD1354
1010 Ohms
(BOSFET is a trademark of International Rectifier)
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Part No. - PVD13

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVD1352 IRF-PVD1352 Datasheet
86Kb / 6P
Microelectronic Power IC PHOTOVOLTAIC RELAY SINGLE POLE 500MA 0-100V DC
PVD1352N IRF-PVD1352N Datasheet
98Kb / 6P
HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-100V DC, 550mA
PVD1352NPBF IRF-PVD1352NPBF Datasheet
1Mb / 6P
HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open
PVD1352NS IRF-PVD1352NS Datasheet
98Kb / 6P
HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-100V DC, 550mA
PVD1352NSPBF IRF-PVD1352NSPBF Datasheet
1Mb / 6P
HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open
More results

Similar Description - PVD13

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVA30 IRF-PVA30 Datasheet
294Kb / 6P
Photovoltaic Relay Microelectronic Power IC Relay Single-Pole, 40mA, 0-300V AC/DC
PVA33 IRF-PVA33 Datasheet
303Kb / 6P
Photovoltaic Relay Microelectronic Power IC Relay Single-Pole, 130mA, 0-300V AC/DC
PVAZ172N IRF-PVAZ172N Datasheet
168Kb / 4P
POWER MOSFET PHOTOVOLTAIC RELAY Microelectronic Power IC Relay Single Pole, Normally Open 0-60V AC, 1.0A
PVD33 IRF-PVD33 Datasheet
303Kb / 6P
Photovoltaic Relay Microelectronic Power IC Relay Single-Pole, 220mA, 0-300V DC
PVDZ172N IRF-PVDZ172N Datasheet
137Kb / 4P
POWER MOSFET PHOTOVOLTAIC RELAY Microelectronic Power IC Relay Single Pole, Normally Open 0-60V DC, 1.5A
PVN012 IRF-PVN012 Datasheet
245Kb / 4P
Power MOSFET Photovoltaic Relay Microelectronic Power IC Relay Single Pole, Normally Open, 0-20V, 2.5A AC/ 4.5A DC
PVD1352 IRF-PVD1352 Datasheet
86Kb / 6P
Microelectronic Power IC PHOTOVOLTAIC RELAY SINGLE POLE 500MA 0-100V DC
PVD10 IRF-PVD10 Datasheet
79Kb / 6P
Microelectronic Power IC BOSFET Photovoltaic Relay Single-Pole, 160mA, 0-100V DC
PVA13 IRF-PVA13 Datasheet
91Kb / 6P
Microelectronic Power IC Relay Single-Pole, 300mA, 0-100V AC/DC
PVR13N IRF-PVR13N Datasheet
70Kb / 6P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Dual-Pole, Normally-Open 0-100V AC/DC, 360mA
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com