Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0323 Datasheet(PDF) 21 Page - STMicroelectronics

Part # UM0323
Description  STEVAL-PCC001V1 - Getting started with the ST7
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0323 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button UM0323 Datasheet HTML 16Page - STMicroelectronics UM0323 Datasheet HTML 17Page - STMicroelectronics UM0323 Datasheet HTML 18Page - STMicroelectronics UM0323 Datasheet HTML 19Page - STMicroelectronics UM0323 Datasheet HTML 20Page - STMicroelectronics UM0323 Datasheet HTML 21Page - STMicroelectronics UM0323 Datasheet HTML 22Page - STMicroelectronics UM0323 Datasheet HTML 23Page - STMicroelectronics UM0323 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
UM0323 - User manual
Evaluation board diagram
21/24
6
Evaluation board diagram
Figure 25.
Evaluation board diagram
GND
VCC
GND
GND
VCC
GND
VCC
GND
VCC
GND
GND
GND
GND
VCC
VCC
GND
VCC
GND
GND
GND
VCC
GND
GND
VCC
VCC
GND
GND
TX
RX
LED_RX
D3
LED_RX
R1OUT
15
T1OUT
17
T2OUT
8
T2IN
12
T1IN
13
R1IN
16
R2IN
9
R2OUT
10
C1+
2
C1–
4
C2+
5
C2–
6
V+
3
V–
7
EN
1
SHDN
20
U3
ST3222/T SSOP20
U3
ST3222/T SSOP20
Y2
12MHz
Y2
12MHz
C16
0.1M
C16
0.1M
CB1
Junction/
CB1
Junction/On
ON
C15
0.1M
C15
0.1M
1
2
3
4
5
6
7
8
9
10
J5
CON_2x5A
J5
CON_2x5A
C14
0.1M
C14
0.1M
R9
1M
R9
1M
C9
100nF
C9
100nF
5
9
4
8
3
7
2
6
1
DSUB9 - M
P1
DSUB9 - M
R4
330
R4
330
C19
22pF
C19
22pF
S1
S1
S2
S2
GND
4
D+
3
D–
2
+5V
1
K1
USB1X90B
USB1X90B
1
2
3
4
5
6
7
8
J4
CON_1x8
J4
CON_1x8
R5
330
R5
330
J3
JUMPER
J3
JUMPER
C13
100nF
C13
100nF
CB3
ON
CB3
1 2
12
J6
JUMPER
J6
C11
100nF
C11
100nF
D1
LED_POWER
D1
LED_POWER
R8
4k7
4k7
CB2
Junction/On
CB2
Junction/On
ON
VDDa
60
7
RESET
51
OSCIN
63
OSCOUT
64
ICCCLK/(HS)PF5
57
ICCDATA/(HS)PF6
58
2 3 4
ICCSEL/VPP
50
VDD2
59
6
VDD1
31
VSS1
32
VSS2
62
VSSa
61
1
PA0/DTC
19
PA1/DTC
20
USBEN/(HS)PF4
56
AIN1/PF3
55
AIN0/PF2
54
SDA/(HS)PF1
53
SCL/(HS)PF0
52
5
8 9 10
111213141516
PB6/DTC
17
PB7/DTC
18
PA2/DTC
21
PA3/DTC
22
PA4/DTC
23
PA5/DTC
24
PA6/DTC
25
PA7/DTC
26
PC0(HS)/MCO/SS
27
PC1(HS)/DTC/MISO
28
PC2(HS)/DTC/MOSI
29
PC3(HS)/DTC/SCK
30
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
PWM1/PE4
49
U1
ST72651_T QFP64
U1
ST72651_T QFP64
C20
22pF
C20
22pF
R6
330
R6
330
R3
1M
R3
1M
D2
LED_TX
D2
LED_TX
R7
4k7
R7
4k7
C10
100nF
C10
100nF
C18
0.1M
C18
0.1M
Y1
CSTCW12M0
Y1
CSTCW12M0
C21
150nF
C21
150nF
R1
1k5
1k5
1
2
3
4
5
6
7
8
J7
CON_1x8
J7
CON_1x8
C8
100nF C8
100nF
C17
0.1M
C17
0.1M
AI12636
GND
R10
10k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com