Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0323 Datasheet(PDF) 22 Page - STMicroelectronics

Part # UM0323
Description  STEVAL-PCC001V1 - Getting started with the ST7
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0323 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button UM0323 Datasheet HTML 16Page - STMicroelectronics UM0323 Datasheet HTML 17Page - STMicroelectronics UM0323 Datasheet HTML 18Page - STMicroelectronics UM0323 Datasheet HTML 19Page - STMicroelectronics UM0323 Datasheet HTML 20Page - STMicroelectronics UM0323 Datasheet HTML 21Page - STMicroelectronics UM0323 Datasheet HTML 22Page - STMicroelectronics UM0323 Datasheet HTML 23Page - STMicroelectronics UM0323 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
Part list
UM0323 - User manual
22/24
7
Part list
Y2, C19, C20 resonator circuit can be replaced by Y1 - CSTCW12M0.
Table 1.
Bill of material
Quantity
Reference
Part
10
C8, C9, C10, C11, C13, C14, C15, C16, C17, C18
100nF SMD 0805
2
C19, C20
22pF SMD 0805
1
C21
150nF SMD 0805
1
D1
LED GREEN SMD 0805
2
D2,D3
LED RED SMD 0805
1
J5
CON 2x5 - HEADER PCB
1
K1
USB-B connector PCB
1
P1
DSUB9 Male - CANON 9V 90
1
R1 1
1.5k
Ω SMD 0805
2
R3, R9
1M
Ω SMD 0805
3
R4, R5, R6
330
Ω SMD 0805
2
R7, R8
4.7k
Ω SMD 0805
1
U1
ST72651AR6T1 TQFP64
1
U2
ST3222EBTR (replacement
ST3222ECTR) TSSOP20
1
Y2
12MHz quartz resonator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com