Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVG612 Datasheet(PDF) 3 Page - International Rectifier

Part # PVG612
Description  Power MOSFET Photovoltaic Relay Microelectronic Power IC Relay Single Pole, Normally Open, 0-60V, 1.0A AC/ 2.0 A DC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVG612 Datasheet(HTML) 3 Page - International Rectifier

  PVG612 Datasheet HTML 1Page - International Rectifier PVG612 Datasheet HTML 2Page - International Rectifier PVG612 Datasheet HTML 3Page - International Rectifier PVG612 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Series PVG612 — HEXFET® Photovoltaic Relay
A m b ien t Te m p era tu re ( de g . C )
20
40
60
80
100
0
0.2 5
0.50
0
1.00
1. 25
0. 75
ILED 10 m A
5 m A
=
'A ' C o n n e c tio n
Figure 1. Current Derating Curves*
Figure 2. Typical Output Capacitance
V d d , Dra in t o Drain V o lta g e ( V )
0
1 5
3 04 56 0
45 0
30 0
15 0
0
60 0
'A ' Co nne c tio n
@2 5C , p u lse d
10 m A C o n tr o l
-0.1
-0.2
-0.3
-0.4
-0. 5
0.50
1.25
1.00
0.25
0.75
-0.25
-1.25
-1.00
-0.75
-0.50
0.5
0.4
0. 3
0.2
0. 1
C o nn e c t io n 'A ' V o lta g e D ro p ( V d d )
A m b ien t Te m p era tu re ( de g . C )
2. 5
2. 0
1. 5
1. 0
0. 5
0
-5 0
-25
0
2 5
5 0
7 5
100
125
10 m A C o n t ro l
= 500 m A
D
I
'A ' C o n n e c tio n
A m b ient Te m p era tu re ( d e g . C )
-3 5
-1 5
5
2 54 5
6 58 5
1 0 5
10 0
30
10
3. 0
1. 0
0. 3
0. 1
L E D F o rw a rd V o lta g e Dro p ( V o lt s DC )
16
20
12
8
4
0
0. 5
1 . 0
1.5
2 .0
0
not exceeded
CAUTION: pr ovide cur rent limiting
so that 25 mA maximum steady-
state control current rating is
Figure 3. Linearity Characteristics
Figure 4. Typical Normalized On-Resistance
Figure 5. Typical Normalized Off-State Leakage
Figure 6. Input Characteristics (Current Controlled)
* Derating of ‘B’ and ‘C’ connection at +85°C will be 70% of that
specified at +40°C and is linear from +40°C to +85°C.
Next Data Sheet
Index
Previous Datasheet
To Order



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com