Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVG612 Datasheet(PDF) 1 Page - International Rectifier

Part # PVG612
Description  Power MOSFET Photovoltaic Relay Microelectronic Power IC Relay Single Pole, Normally Open, 0-60V, 1.0A AC/ 2.0 A DC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVG612 Datasheet(HTML) 1 Page - International Rectifier

  PVG612 Datasheet HTML 1Page - International Rectifier PVG612 Datasheet HTML 2Page - International Rectifier PVG612 Datasheet HTML 3Page - International Rectifier PVG612 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PD 1.035A
Series PVG612
Microelectronic
Power IC Relay
Single Pole, Normally Open, 0-60V, 1.0A AC/ 2.0 A DC
General Description
The PVG612 Series Photovoltaic Relay is a single-
pole, normally open solid-state relay that can
replace electromechanical relays in many applica-
tions. It utilizes International Rectifier’s proprietary
HEXFET power MOSFET as the output switch,
driven by an integrated circuit photovoltaic gen-
erator of novel construction. The output switch is
controlled by radiation from a GaAlAs light emitting
diode (LED) which is optically isolated from the
photovoltaic generator.
These units exceed the performance capabilities of
electromechanical relays in operating life, sensitivity,
stability of on-resistance, miniaturization, insensitiv-
ity to magnetic fields and ruggedess. The compact
PVG612 is particularly suited for isolated switching
of high currents from 12 to 48 Volt AC or DC power
sources.
Series PVG612 Relays are packaged in a 6-pin,
molded DIP package with either through-hole or
surface mount (gull-wing) terminals. It is available in
standard plastic shipping tubes or on tape-and-reel.
Please refer to Part Identification information
opposite.
PVG612 Features
HEXFET Power MOSFET output s
s
s
s
s
Bounce-free operation s
s
s
s
s
High load current capacity s
s
s
s
s
High off-state resistance s
s
s
s
s
Linear AC/DC operation s
s
s
s
s
4,000 VRMS I/O isolation s
s
s
s
s
Solid-State reliability s
s
s
s
s
UL recognized and CSA certified s
s
s
s
s
HEXFET® Power MOSFET Photovoltaic Relay
Applications
n
Programmable Logic Controllers
n
Computers and Peripheral Devices
n
Audio Equipment
n
Power Supplies and Power Distribution
n
Control of Displays and Indicators
n
Industrial Automation
Part Identification
PVG612
through-hole
PVG612S
surface-mount
PVG612S-T
surface-mount, Tape and Reel
(HEXFET is the registered trademark for International Rectifier Power MOSFETs)
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Part No. - PVG612

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVG612A IRF-PVG612A Datasheet
112Kb / 5P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single Pole, Normally Open, 0-60V, 2.0A AC/ 4.0 A DC
PVG612APBF IRF-PVG612APBF Datasheet
226Kb / 6P
Bounce-free operation
PVG612APBF IRF-PVG612APBF_15 Datasheet
226Kb / 6P
Bounce-free operation
PVG612AS IRF-PVG612AS Datasheet
112Kb / 5P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single Pole, Normally Open, 0-60V, 2.0A AC/ 4.0 A DC
PVG612AS-T IRF-PVG612AS-T Datasheet
112Kb / 5P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single Pole, Normally Open, 0-60V, 2.0A AC/ 4.0 A DC
More results

Similar Description - PVG612

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVAZ172N IRF-PVAZ172N Datasheet
168Kb / 4P
POWER MOSFET PHOTOVOLTAIC RELAY Microelectronic Power IC Relay Single Pole, Normally Open 0-60V AC, 1.0A
PVDZ172N IRF-PVDZ172N Datasheet
137Kb / 4P
POWER MOSFET PHOTOVOLTAIC RELAY Microelectronic Power IC Relay Single Pole, Normally Open 0-60V DC, 1.5A
PVN012 IRF-PVN012 Datasheet
245Kb / 4P
Power MOSFET Photovoltaic Relay Microelectronic Power IC Relay Single Pole, Normally Open, 0-20V, 2.5A AC/ 4.5A DC
PVG613 IRF-PVG613 Datasheet
108Kb / 5P
HEXFET Power MOSFET Photovoltaic Relay Single Pole, Normally Open, 0-60V, 1.0A AC/ 2.0 A DC
PVA30N IRF-PVA30N Datasheet
68Kb / 6P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 50mA
PVY117 IRF-PVY117 Datasheet
102Kb / 5P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open, 0-40V AC/DC, 470mA
PVDZ172N IRF-PVDZ172N_06 Datasheet
105Kb / 5P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single Pole, Normally Open 0-60V DC, 1.5A
PVG612A IRF-PVG612A Datasheet
112Kb / 5P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single Pole, Normally Open, 0-60V, 2.0A AC/ 4.0 A DC
PVG613PBF IRF-PVG613PBF Datasheet
1Mb / 5P
HEXFET Power MOSFET Photovoltaic Relay Single Pole, Normally Open, 0-60V, 1.0A AC/ 2.0 A DC
PVG612PBF IRF-PVG612PBF Datasheet
1Mb / 5P
HEXFET짰 Power MOSFET Photovoltaic Relay Single Pole, Normally Open, 0-60V, 1.0A AC/ 2.0 A DC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com