Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0673 Datasheet(PDF) 13 Page - STMicroelectronics

Part # UM0673
Description  The power board STEVAL-ISF001V2 is a 3 kW PFC designed
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0673 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button UM0673 Datasheet HTML 9Page - STMicroelectronics UM0673 Datasheet HTML 10Page - STMicroelectronics UM0673 Datasheet HTML 11Page - STMicroelectronics UM0673 Datasheet HTML 12Page - STMicroelectronics UM0673 Datasheet HTML 13Page - STMicroelectronics UM0673 Datasheet HTML 14Page - STMicroelectronics UM0673 Datasheet HTML 15Page - STMicroelectronics UM0673 Datasheet HTML 16Page - STMicroelectronics UM0673 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
UM0673
Experimental measurements
Doc ID 15337 Rev 2
13/19
5
Experimental measurements
Table below shows the performance of the PFC board during lab testing.
Table 2.
Lab preliminary electrical measurements
185 Vac
230 Vac
265 Vac
Low-power range
Vout
406
406
406
Iout
0.75
0.75
0.75
Pout
306
306
307
Pin
319
317
318
Efficiency (%)
96%
96.5%
96.2%
PF
0.971
0.964
0.95
Medium-power range
Vout
4.6
406
406
Iout
1.49
1.49
1.49
Pout
606
607
606
Pin
628
626
623
Efficiency (%)
96.5
97%
97.3%
PF
0.989
0.985
0.975
High-power range
Vout
406
406
406
Iout
3.7
3.7
3.7
Pout
1506
1506
1507
Pin
1558
1550
1546
Efficiency (%)
96.7%
97.2
97.5
PF
0.995
0.995
0.985
Full load
Vout
406
406
406
Iout
6.3
6.3
6.3
Pout
2559
2558
2562
Pin
2640
2650
2640
Efficiency (%)
96.9%
96.5%
97%
PF
0.988
0.997
0.998



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com