Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0673 Datasheet(PDF) 5 Page - STMicroelectronics

Part # UM0673
Description  The power board STEVAL-ISF001V2 is a 3 kW PFC designed
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0673 Datasheet(HTML) 5 Page - STMicroelectronics

  UM0673 Datasheet HTML 1Page - STMicroelectronics UM0673 Datasheet HTML 2Page - STMicroelectronics UM0673 Datasheet HTML 3Page - STMicroelectronics UM0673 Datasheet HTML 4Page - STMicroelectronics UM0673 Datasheet HTML 5Page - STMicroelectronics UM0673 Datasheet HTML 6Page - STMicroelectronics UM0673 Datasheet HTML 7Page - STMicroelectronics UM0673 Datasheet HTML 8Page - STMicroelectronics UM0673 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
UM0673
Safety and operating instructions
Doc ID 15337 Rev 2
5/19
2.2.1
Electronic connection
National accident prevention rules must be followed when working on the main power
supply, with the power supply, or powering the board in general.
The electrical installation shall be completed in accordance with the appropriate
requirements (e.g., cross-sectional areas of conductors, fusing, PE connections. For further
information, see
Section 2.2.2).
2.2.2
3 kW FOT PFC demonstration board setup
It is preferable to use an AC supply isolated and protected against overload and short-circuit
during the evaluation test of the power board 3 kW FOT PFC (in compliance with technical
equipment and accident prevention rules).
A proper load, able to dissipate or in any case absorb and reuse the power delivered by the
system, has to be used. In the case of a resistive and dissipative dummy load, the user must
pay attention to the temperature that the load could reach and provide the necessary
equipment to avoid hot surfaces and fire hazards during the tests (fan, water-cooled load,
etc).
Caution:
Do not touch the boards and its components after disconnection from the voltage supply, as
several parts and power terminals which contain possibly energized capacitors need to be
allowed to discharge.
2.3
Hardware layout
Figure 4.
Power board 3 kW FOT PFC STEVAL-ISF001V2 (top view)
The mains input connector is present on the right side of the board. Connect a sinusoidal
supply voltage with amplitude in the range of 185 Vrms to 265 Vrms. The power source has
to be able to supply the power required by the system, according to the output load the user
intends to connect on the output port.
AM01974v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com