Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0934 Datasheet(PDF) 102 Page - STMicroelectronics

Part # UM0934
Description  ST7570 S-FSK power line networking System-on-Chip
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0934 Datasheet(HTML) 102 Page - STMicroelectronics

Back Button UM0934 Datasheet HTML 98Page - STMicroelectronics UM0934 Datasheet HTML 99Page - STMicroelectronics UM0934 Datasheet HTML 100Page - STMicroelectronics UM0934 Datasheet HTML 101Page - STMicroelectronics UM0934 Datasheet HTML 102Page - STMicroelectronics UM0934 Datasheet HTML 103Page - STMicroelectronics UM0934 Datasheet HTML 104Page - STMicroelectronics UM0934 Datasheet HTML 105Page - STMicroelectronics UM0934 Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 113 page
background image
PHY mode communication example
UM0934
102/113
Doc ID 17389 Rev 2
1.
Station1: CMD_DataRequest() from external host to ST7570, assuming a P_sdu = 00h
01h 02h … 25h:
2.
Station2: CMD_SynchroIndication() sent from ST7570 to the external host. The
ST7570 modem received a PRE+SSD sequence correctly and it notified the change in
its synchronization status.
The S0, N0, S1, N1 fields can be decoded to obtain the RMS values (in dB
µV units):
●
S0: 19F6h = 6646d
⇒ 66.46 dBµV
RMS
●
N0: 1104h = 4356d
⇒ 43.56 dBµV
RMS
●
S1: 1A1Ah = 6682d
⇒ 71.848 dBµV
RMS
●
N1: FB6h = 4022d
⇒ 40.22 dBµV
RMS
3.
Station2: CMD_DataIndication() sent from ST7570 to the external host to notify the
receipt of P_sdu.
The ASK0, ASK1, FSK, SNR0, and SNR1 fields can be decoded to obtain the estimated
values of the demodulated signals:
●
ASK0 = 00A9h: 169 bits equal to “0” decoded independently
●
ASK1 = 005Dh: 93 bits equal to “1” decoded independently
●
FSK = 002Ah: 42 bits decoded through measurements on both tones
●
SNR0 = 10913h = 67859d
⇒ 24.936 dBµV
RMS
●
SNR0 = FD33h = 64819d
⇒ 23.819 dBµV
RMS
4.
Station1: CMD_DataConfirm() sent from ST7570 to the external host, meaning that the
transmission of the PHY frame over the power line has finished.
The only label in the data field is the Confirm_Code (Section 5.3.13) equal to the FFh value,
meaning that the P_SDU transmission was performed with no errors. The checksum is
equal to 155h value.
STX
Length
C ommand
Code
DATA
CHK
02h 29h
51h
00.01.02.03.04.05 .06.07.08.09.0A.0B.0C.0D.0E.0F.10.11.12.13.14.15.16.17.18.19.1A.1B.1C.1D.1 E.1 F.20.21.22.23.24.25h
39.03h
STX
Length
Command
Co de
DATA
CHK
4A.02h
h
0
1
h
1
1
h
2
0
S0
N0
S1
N1
AGC
phase
F6.19.00h 04.11.00h
1A.1A.00h
B6.0F.00h
08h
01h
00.01 .02.03.04.05.06.0 7.08.09.0A.0B.0C.0D.0E.0F.10.11.12.
13.14.15.16.17.18.19.1A.1B.1C.1D.1E.1F.20.21.22.23.24.25h
STX Length
Command
Code
DATA
CHK
02h 35h
50h
C1.05h
P_SDU
ASK0
ASK1
FSK
SNR1
SNR0
A9.00h 5D.00h 2A.00h 13.09.01h 33.FD.00h
STX
Length
Command
Co de
DATA
CHK
02h 04h
52h
55.01h
FFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com