Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0934 Datasheet(PDF) 105 Page - STMicroelectronics

Part # UM0934
Description  ST7570 S-FSK power line networking System-on-Chip
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0934 Datasheet(HTML) 105 Page - STMicroelectronics

Back Button UM0934 Datasheet HTML 101Page - STMicroelectronics UM0934 Datasheet HTML 102Page - STMicroelectronics UM0934 Datasheet HTML 103Page - STMicroelectronics UM0934 Datasheet HTML 104Page - STMicroelectronics UM0934 Datasheet HTML 105Page - STMicroelectronics UM0934 Datasheet HTML 106Page - STMicroelectronics UM0934 Datasheet HTML 107Page - STMicroelectronics UM0934 Datasheet HTML 108Page - STMicroelectronics UM0934 Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 113 page
background image
UM0934
MAC mode communication example
Doc ID 17389 Rev 2
105/113
10.2.1
Synchronization-confirmation-timeout reading
The local frame encapsulating the CMD_ReadDBRequest() to read the MIB object 0002h:
and the expected CMD_ReadDBConfirm() returned by the ST7570:
Therefore, the synchronization-confirmation-timeout is set at 3s.
10.2.2
Timeout-frame-not-ok reading
The local frame encapsulating the CMD_ReadDBRequest() to read the MIB object 0003h:
and the expected CMD_ReadDBConfirm() returned by the ST7570:
Therefore, the timeout-frame-not-ok default value is set at 40s.
10.2.3
Timeout-frame-not-addressed reading
The local frame encapsulating the CMD_ReadDBRequest() to read the MIB object 0004h:
and the expected CMD_ReadDBConfirm() returned by the ST7570:
Therefore, the timeout-frame-not-addressed default value is set at 40 s.
STX
Length
Command
Co de
DATA
CHK
02h 05h
90h
97.00h
02.00h
STX Length
Command
Co de
DATA
CHK
02h 07h
91h
9D.00h
MIB Index
02.00h
Object Va lue
03.00h
STX
Length
Command
Co de
DATA
CHK
02h 05h
90h
98.00h
03.00h
STX Length
Command
Code
DATA
CHK
02h 07h
91h
C3.00h
MIB Index
03.00h
Object Value
28.00h
STX
Length
Command
Co de
DATA
CHK
02h 05h
90h
99.00h
04.00h
STX Length
Command
Code
DATA
CHK
02h 07h
91h
05.01h
MIB Index
04.00h
Object Value
68.01h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com