Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0934 Datasheet(PDF) 109 Page - STMicroelectronics

Part # UM0934
Description  ST7570 S-FSK power line networking System-on-Chip
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0934 Datasheet(HTML) 109 Page - STMicroelectronics

Back Button UM0934 Datasheet HTML 105Page - STMicroelectronics UM0934 Datasheet HTML 106Page - STMicroelectronics UM0934 Datasheet HTML 107Page - STMicroelectronics UM0934 Datasheet HTML 108Page - STMicroelectronics UM0934 Datasheet HTML 109Page - STMicroelectronics UM0934 Datasheet HTML 110Page - STMicroelectronics UM0934 Datasheet HTML 111Page - STMicroelectronics UM0934 Datasheet HTML 112Page - STMicroelectronics UM0934 Datasheet HTML 113Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 109 / 113 page
background image
UM0934
MAC mode communication example
Doc ID 17389 Rev 2
109/113
As station1 has already achieved the time-slot synchronization, it does not generate any
CMD_SynchroIndication() notification.
10.4.1
Station2 (Server)
Status message
Before sending the data request, the external host must set the T_REQ signal at low level
and wait for the status message from the ST7570 modem.
The status message can be used by the external host to quickly retrieve useful information
about the status of the modem. A typical status message is as follows:
●
Byte 0: 3Fh (“?” ASCII code)
●
Byte 1: 22h
⇒ MAC server mode, not NEW, synchronized, not busy
●
Byte 2: E4h
⇒ TS_COUNTER=7, alarm not received in the previous time-slot, PLL not
ZC_FAIL, device out of hardware reset/boot, FW release = 1
●
Byte 3: 80h
⇒ Phase = 4 (180°), Delta Credit = 0, No repeater
CMD_DataRequest
The local frame encapsulating the CMD_DataRequest():
The fields are filled in the same way as the data request from Client to Server
(Section 10.3.1), with the only exception on the address sub-field:
●
SA: 001h, DA: C00h
⇒ Address = C0.00.01h
CMD_DataConfirm
As soon as the transmission over the power line is complete, station2 generates locally a
CMD_DataConfirm() as follows
The data value equal to FFh (LP_OK, Section 5.3.13) notifies that the transmission
completed successfully.
“? ”
ASCII
1
st
byte
2
nd byte 3rd byte
3Fh 22h
E4h
80h
STX Length
Command
Code
DATA
CHK
02h 22h
51h
D4. 01h
Pad
00h
Addres s
00.1C.0 0h
Credit
00h
00.01 .02.03.04.05.06.07.08.09.0A.0B.0C.0D.0E.0F.10.11.12.13.14.15.16.17.18.19h
M_SDU
STX
Length
Command
Co de
DATA
CHK
02h 04h
52h
55.01h
FFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com